Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q421 Datasheet(PDF) 28 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q421 Datasheet(HTML) 28 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q421 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
FEDL610Q421-03
ML610Q421/ML610Q422
MEASURING CIRCUITS
MEASURING CIRCUIT 1
MEASURING CIRCUIT 2
XT0
XT1
P10/OSC0
P11/OSC1
32.768kHz crystal
4.096MHz
crystal
CGH
CDH
A
VDD AVDDVREFVDDL
VDDX
CL1 CL0 CX
VL1
Ca
VL2
Cb
VL3
Cc
VL4
Cd
VSS AVSS
C4
C3
C2
C1
C12
C34
CV:
1
µF
CL0:
1
µF
CL1:
0.1
µF
CX:
0.1
µF
Ca,Cb,Cc,Cd:
1
µF
C12,C34:
1
µF
CGH:
24pF
CDH:
24pF
32.768kHz crystal:
C-001R (Epson Toyocom)
4.096MHz crystal:
HC49SFWB (Kyocera)
CV
V
VDD
AVDDVREF
VDDL VDDX VL1
VL2
VL3
VL4
VSSAVSS
VIH
VIL
(*1) Input logic circuit to determine the specified measuring conditions.
(*2) Measured at the specified output pins.
(*2)
(*1)
28/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com