Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q421 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q421 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q421 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
FEDL610Q421-03
ML610Q421/ML610Q422
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
(VSS = AVSS = 0V)
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage 1
VDD
Ta = 25
°C
−0.3 to +4.6
V
Power supply voltage 2
AVDD
Ta = 25
°C
−0.3 to +4.6
V
Power supply voltage 3
VPP
Ta = 25
°C
−0.3 to +9.5
V
Power supply voltage 4
VDDL
Ta = 25
°C
−0.3 to +3.6
V
Power supply voltage 5
VDDX
Ta = 25
°C
−0.3 to +3.6
V
Power supply voltage 6
VL1
Ta = 25
°C
−0.3 to +1.75
V
Power supply voltage 7
VL2
Ta = 25
°C
−0.3 to +3.5
V
Power supply voltage 8
VL3
Ta = 25
°C
−0.3 to +5.25
V
Power supply voltage 9
VL4
Ta = 25
°C
−0.3 to +7.0
V
Input voltage
VIN
Ta = 25
°C
−0.3 to V
DD+0.3
V
Output voltage
VOUT
Ta = 25
°C
−0.3 to V
DD+0.3
V
Output current 1
IOUT1
Port3–A, Ta = 25
°C
−12 to +11
mA
Output current 2
IOUT2
Port2, Ta = 25
°C
−12 to +20
mA
Power dissipation
PD
Ta = 25
°C
1.25
W
Storage temperature
TSTG
−55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
(VSS = AVSS = 0V)
Parameter
Symbol
Condition
Range
Unit
Operating temperature
TOP
ML610Q421, ML610Q422
−20 to +70
°C
ML610Q421P, ML610Q422P
−40 to +85
Operating voltage
VDD
1.1 to 3.6
V
AVDD
2.2 to 3.6
Operating frequency (CPU)
fOP
VDD = 1.1 to 3.6V
30k to 36k
Hz
VDD = 1.3 to 3.6V
30k to 650k
VDD = 1.8 to 3.6V
30k to 4.2M
Capacitor externally connected to
VDDL pin
CL0
1.0
±30%
µF
CL1
0.1
±30%
Capacitor externally connected to
VDDX pin
CX
0.1
±30%
µF
Capacitors externally connected to
VL1, 2, 3, 4 pins
Ca, b, c, d
1.0
±30%
µF
Capacitors externally connected
across C1 and C2 pins and across
C3 and C4 pins
C12, C34
1.0
±30%
µF
21/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com