Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q421 Datasheet(PDF) 33 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q421 Datasheet(HTML) 33 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q421 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
FEDL610Q421-03
ML610Q421/ML610Q422
AC CHARACTERISTICS (RC Oscillation A/D Converter)
(VDD = 1.3 to 3.6V, AVDD = 2.2 to 3.6V, VSS = AVSS = 0V, Ta = −20 to +70°C, Ta = −40 to +85°C for P version, unless
otherwise specified)
Parameter
Symbol
Condition
Rating
Unit
Min.
Typ.
Max.
Resistors for oscillation
RS0, RS1,
RT0,
RT0-1,RT1
CS0, CT0, CS1
≥ 740pF
1
k
Ω
Oscillation frequency
VDD = 1.5V
fOSC1
Resistor for oscillation = 1k
Ω
209.4
330.6
435.1
kHz
fOSC2
Resistor for oscillation = 10k
Ω
41.29
55.27
64.16
kHz
fOSC3
Resistor for oscillation = 100k
Ω
4.71
5.97
7.06
kHz
RS to RT oscillation frequency
ratio
*1
VDD = 1.5V
Kf1
RT0, RT0-1, RT1 = 1kHz
5.567
5.982
6.225
Kf2
RT0, RT0-1, RT1 = 10kHz
0.99
1
1.01
Kf3
RT0, RT0-1, RT1 = 100kHz
0.104
0.108
0.118
Oscillation frequency
VDD = 3.0V
fOSC1
Resistor for oscillation = 1k
Ω
407.3
486.7
594.6
kHz
fOSC2
Resistor for oscillation = 10k
Ω
49.76
59.28
72.76
kHz
fOSC3
Resistor for oscillation = 100k
Ω
5.04
5.993
7.04
kHz
RS to RT oscillation frequency
ratio
*1
VDD = 3.0V
Kf1
RT0, RT0-1, RT1 = 1kHz
8.006
8.210
8.416
Kf2
RT0, RT0-1, RT1 = 10kHz
0.99
1
1.01
Kf3
RT0, RT0-1, RT1 = 100kHz
0.100
0.108
0.115
*
1: Kfx is the ratio of the oscillation frequency by the sensor resistor to the oscillation frequency by the reference resistor on the
same conditions.
Kfx =
fOSCX(RT0−CS0 oscillation)
fOSCX(RT0-1−CS0 oscillation)
fOSCX(RT1−CS1 oscillation)
fOSCX(RS0−CS0 oscillation)
,
fOSCX(RS0−CS0 oscillation)
,
fOSCX(RS1−CS1 oscillation)
(x = 1, 2, 3)
Note:
- Please have the shortest layout for the common node (wiring patterns which are connected to the external capacitors, resistors
and IN0/IN1 pin), including CVR0/CVR1. Especially, do not have long wire between IN0/IN1 and RS0/RS1. The coupling
capacitance on the wires may occur incorrect A/D conversion. Also, please do not have signals which may be a source of noise
around the node.
- When RT0/RT1 (Thermistor and etc.) requires long wiring due to the restricted placement, please have VSS(GND) trace next to
the signal.
- Please make wiring to components (capacitor, resisteor and etc.) necessory for objective measurement. Wiring to reserved
components may affect to the A/D conversion operation by noise the components itself may have.
VDD
AVDD VREF
VDDL
VDDX
CL1 CL0 CX
VSS AVSS
CV
RT0, RT0-1, RT1: 1k
Ω /10kΩ/100kΩ
RS0, RS1: 10k
Ω
CS0, CT0, CS1: 560pF
CVR0, CVR1: 820pF
RCM
Frequency measurement
(fOSCX)
VIH
VIL
*1: Input logic circuit to
determine the specified
measuring conditions.
(*1)
CS0
RT0
IN1 CS1 RS1 RT1
RS0
RCT0
IN0
CVR0
CVR1
33/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com