Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q421 Datasheet(PDF) 26 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q421 Datasheet(HTML) 26 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q421 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
FEDL610Q421-03
ML610Q421/ML610Q422
DC CHARACTERISTICS (4/5)
(VDD = 1.1 to 3.6V, AVDD = 2.2 to 3.6V, VSS = AVSS = 0V, Ta = −20 to +70°C, Ta = −40 to +85°C for P version, unless otherwise
specified) (4/5)
Parameter
Symbol
Condition
Rating
Unit
Measuring
circuit
Min.
Typ.
Max.
Output voltage 1
(P20–P22/2
nd
function is
selected)
(P30–P36)
(P40–P47)
(PA0–PA7)
*1
VOH1
IOH1 =
−0.5mA, V
DD = 1.8 to 3.6V
VDD
−0.5
V
2
IOH1 = -0.1mA, VDD = 1.3 to 3.6V
VDD
−0.3
IOH1 = -0.03mA, VDD = 1.1 to 3.6V
VDD
−0.3
VOL1
IOL1 = +0.5mA, VDD = 1.8 to 3.6V
0.5
IOL1 = +0.1mA, VDD = 1.3 to 3.6V
0.5
IOL1 = +0.03mA, VDD = 1.1 to 3.6V
0.3
Output voltage 2
(P20–P22/2
nd
function is Not
selected)
VOH2
IOH1 =
−0.5mA, V
DD = 1.8 to 3.6V
VDD
−0.5
IOH1 = -0.1mA, VDD = 1.3 to 3.6V
VDD
−0.3
IOH1 = -0.03mA, VDD = 1.1 to 3.6V
VDD
−0.3
VOL2
IOL2 = +5mA, VDD = 1.8 to 3.6V
0.5
Output voltage 3
(P40–P41)
VOL3
IOL3 = +3mA, VDD = 2.0 to 3.6V
(when I
2C mode is selected)
0.4
Output voltage 4
(COM0–15)
(SEG0–49)
VOH4
IOH4 =
−0.2mA, VL1=1.2V
VL4
−0.2
VOMH4
IOMH4 = +0.2mA, VL1=1.2V
VL3
+0.2
VOMH4S
IOMH4S =
−0.2mA, VL1=1.2V
VL3
−0.2
VOM4
IOM4 = +0.2mA, VL1=1.2V
VL2
+0.2
VOM4S
IOM4S =
−0.2mA, VL1=1.2V
VL2
−0.2
VOML4
IOML4 = +0.2mA, VL1=1.2V
VL1
+0.2
VOML4S
IOML4S =
−0.2mA, VL1=1.2V
VL1
−0.2
VOL4
IOL4 = +0.2mA, VL1=1.2V
0.2
Output leakage
(P20–P22)
(P30–P35)
(P40–P47)
(PA0–PA7)
*1
IOOH
VOH = VDD (in high-impedance state)
1
µA
3
IOOL
VOL = VSS (in high-impedance state)
−1
*
1: ML610Q421 only
26/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com