Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AB Datasheet(PDF) 72 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 72 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 68Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
72/140
■RF Configuration
●Programming Channel Frequency
Maximum 16 channels can be selected. (CH#0 to CH#15) Cahnnel allocation is defined by channel #0 frequency specified by
[CH0_FL:B0 0x48], [CH0_FM:B0 0x49], [CH0_FH:B0 0x4A] and [CH0_NA:B0 0x4B] registers, and channel spacing
specified by [CH_SPACE_L:B0 0x4C] and [CH_SPACE_H:B0 0x4D] registers.
16 channels can be enabled or disabled by [CH_EN_L:B0 0x2E] and [CH_EN_H:B0 0x2F] registers.
RF channel is set as channel number (#0 to #15) at [CH_SET:B0 0x6B] register
Notes:
1) Frequency range (from CH#0 to CH#15) can not include integer multiple of 36MHz. (ex: 900MHz, 936MHz)
2) The channel frequency must meet the following condition. If the following condition can not meet, please change the
channel #0 frequency or disabling channels that can not meet the condition by [CH_EN_L:B0 0x2E] and [CH_EN_H:B0
0x2F] register.
36MHz * n + 2.2MHz ≤ channel frequency < 36MHz * (n+1) – 500kHz * n=integer
3) If the above condition can not be met, expected channel frequency is not functional or PLL may not be locked.
[Channel frequency programming flow]
START
Set CH#0 frequency
[CH0_FL:B0 0x48]
[CH0_FM:B0 0x49]
[CH0_FH:B0 0x4A]
[CH0_NA:B0 0x4B]
Set CH spacing
[CH_SPACE_L:B0 0x4C]
[CH_SPACE_H:B0 0x4D]
CH#0 to CH#15 frequency allocation
will be defined.
Set CH enable/disable
[CH_EN_L:B0 0x2E]
[CH_EN_H:B0 0x2F]
Select CH number
[CH_SET:B0 0x6B]
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com