Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AB Datasheet(PDF) 9 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 9 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
9/140
■Electrical Characteristics
●Absolute maximum ratings
Item
Symbol
Condition
Rating
Unit
Power Supply (I/O) (*1)
VDDIO
-0.3 to +4.6
V
Power Supply (RF) (*2)
VDDRF
-0.3 to +2.0
V
Digital Input Voltage
VDIN
-0.3 to VDDIO+0.3
V
RF Input Voltage
VRFIN
-1.0 to +2.0
V
Analog Input Voltage
VAIN
-0.3 to VDDIO+0.3
V
Analog Input Voltage2 (*3)
VAIN2
-0.3 to VDDRF+0.3
V
TCXO Input Voltage
VTCXO
-0.3 to +1.75
V
Digital Output Voltage
VDO
Ta=-40 to 85 ˚C
-0.3 to VDDIO+0.3
V
RF Output Voltage
VRFO
GND=0V
-0.3 to VDDRF+1.9
V
Analog Output Voltage
VAO
-0.3 to VDDIO+0.3
V
Analog Output Voltage2 (*4)
VAO2
-0.3 to VDDRF+0.3
V
Digital Input Current
IDI
-10 to +10
mA
RF Input Current
IRF
-2 to +2
mA
Analog Input Current
IAI
-2 to +2
mA
Analog Input Current2 (*3)
IAI2
-2 to +2
mA
TCXO Input Current
ITCXO
-2 to +2
mA
Digital Output Current
IDO
-8 to +8
mA
RF Output Current
IRFO
-2 to +60
mA
Analog Output Current
IAO
-2 to +2
mA
Analog Output Current2 (*4)
IAO2
-2 to +2
mA
Power Dissipation
Pd
Ta=+25 ˚C
300
mW
Storage Temperature
Tstg
-
-55 to +150
˚C
*1 VDD_IO, VDD_REG, VDD_PA pins
*2 VDD_RF, VDD_IF, VDD_VCO, VDD_CP pins
*3 XIN, TCXO pins
*4 XOUT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com