Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AB Datasheet(PDF) 14 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 14 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
14/140
[RX]
Item
Condition
Min
Typ
Max
Unit
920MHz band (920.5MHz to 928.1MHz)
50kbps mode (*1)
-
-108
-102
dBm
100kbps mode (*1)
-
-106
-100
dBm
Minimum RX sensitivity
BER<0.1%
200kbps mode (*1)
-
-102
-97
dBm
Maximum input level
50kbps mode/100kbps mode/200kbps mode
0
-
-
dBm
50kbps mode
20
35
-
dB
100kbps mode
20
35
-
dB
Adjacent channel selectivity
200kbps mode
20
35
-
dB
50kbps mode
30
45
-
dB
100kbps mode
30
45
-
dB
Alternate channel selectivity
200kbps mode
30
45
-
dB
Minimum energy detection
level [ED value]
-
-
-100
dBm
Energy detection range
Dynamic range
60
70
-
dB
Energy detection accuracy
-6
-
+6
dB
710MHz or lower, 100kHz band
-
<-93
-54
dBm
Higher than 710MHz to 900MHz, 1MHz band
-
<-83
-55
dBm
Higher than 900MHz to 915MHz, 100kHz band
-
<-93
-55
dBm
Higher than 915MHz to 930MHz, 100kHz band
-
-63
-54
dBm
Higher than 930MHz to 1000MHz, 100kHz band
-
<-93
-55
dBm
Spurious emission level
ARIB T108 measurement
condition
915.9MHz
∼916.9MHz
920.5MHz
∼929.7MHz
Higher than 1000MHz
-
-57
-47
dBm
915MHz band (902MHz to 928MHz)
100kbps mode (modulation index = 1) (*1)
-
-106
-99
dBm
150kbps mode (modulation index = 0.5) (*1)
-
-102
-96
dBm
200kbps mode (modulation index = 1) (*1)
-
-102
-96
dBm
100kbps mode (frequency shift: 171kHz)
-
-100
-87
dBm
150kbps mode (frequency shift: 171kHz)
-
-97.5
-84
dBm
Minimum receiver sensitivity
BER<0.1%
200kbps mode (frequency shift: 171kHz)
-
-96.5
-83
dBm
868MHz band (863MHz to 870MHz) (*2)
50kbps mode (*1)
-
-108
-102
dBm
100kbps mode (*1)
-
-106
-100
dBm
Minimum receiver sensitivity
BER<0.1%
200kbps mode (*1)
-
-102
-97
dBm
1000MHz or lower (local frequency)
-
-63
-57
dBm
Collateral emission level
Higher than 1000MHz
-
-57
-47
dBm
*1 When NBO_SEL([DATA_SET:B0 0x47(7)])=0b0.
*2 863.5MHz to 866.2MHz cannot be used. For details, refer section "Programing Channel Frequency."



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com