Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AB Datasheet(PDF) 22 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 22 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
22/140
BANK0 (continued)
Bit
Address
Symbol
(# test register)
7
6
5
4
3
2
1
0
Description
0x69
PLL_MON/DIO_SEL
PLL lock detection signal output control and DIO mode configuration
0x6a
FAST_TX_SET
TX trigger level setting in FAST_TX mode
0x6b
CH_SET
RF channel setting
0x6c
RF_STATUS
RFstate setting and status indication
0x6d
2DIV_ED_AVG
Average number setting for ED calculation during 2 diversity
0x6e
2DIV_GAIN_CNTRL
Gain control setting during 2 diversity
0x6f
2DIV_SEARCH
2 diversity search mode and search time setting
0x70
2DIV_FAST_LV
ED threshold level setting during 2 diversity FAST mode
0x71
2DIV_CNTRL
2 diversity setting
0x72
2DIV_RSLT
2 diversity resurt indication and forced antenna control setting
0x73
ANT1_ED
Acquired ED value by antenna 1
0x74
ANT2_ED
Acquired ED value by antenna 2
0x75
RF_CNTRL_SET
RF control pin configuration (ANT_SW, TRX_SW,DCNT)
0x76
Reserved
Reserved
0x77
CRC_AREA/FIFO_TRG
CRC calculation field and FIFO trigger setting
0x78
RSSI_MON
RSSI value indication
0x79
TEMP_MON
Temperature indication
0x7a
PN9_SET_L
PN9 initialized status setting / randum number indication
(low byte)
0x7b
PN9_SET_H
PN9 initialized status setting / randum number indication (high
1bit) and PN9 enable control
0x7c
RD_ FIFO_LAST
FIFO remaining size or FIFO address indication
0x7d
Reserved
Reserved
0x7e
WR_TX_FIFO
TX FIFO
0x7f
RD_RX_FIFO
RX FIFO
BANK1
Bit
Address
Symbol
7
6
5
4
3
2
1
0
Description
0x00
BANK_SEL
Register access bank selection
0x01
DEMOD_SET
Demodulator setting
0x02
RSSI_ADJ
RSSI value adjustment
0x03
RSSI/TEMP_OUT
RSSI and Temperature data output setting
0x04
PA_ADJ1
PA adjustment 1st setting
0x05
PA_ADJ2
PA adjustment 2nd setting
0x06
PA_ADJ3
PA adjustment 3rd setting
0x07
PA_CNTRL
External PA control and PA mode setting
0x08
SW_OUT/RAMP_ADJ
ANT_SW/TRX_SW configuration and PA ramping up adjustment
0x09
PLL_CP_ADJ
PLL charge pump current adjustment
0x0a
IF_FREQ_H
IF frequency setting (high byte)
0x0b
IF_FREQ_L
IF frequency setting (low byte)
0x0c
IF_FREQ_CCA_H
IF frequency setting during CCA operation (high byte)
0x0d
IF_FREQ_CCA_L
IF frequency setting during CCA operation (low byte)
0x0e
BPF_ADJ_H
Bandpass filter bandwidth adjustment (high 2bits)
0x0f
BPF_ADJ_L
Bandpass filter bandwidth adjustment (low byte)
0x10
BPF_CCA_ADJ_H
Bandpass filter bandwidth adjustment during CCA operation (high
2bits)
0x11
BPF_CCA_ADJ_L
Bandpass filter bandwidth adjustment during CCA operation (low byte)
0x12
RSSI_LPF_ADJ
RSSI lowpass filter adjustment
0x13
PA_REG_FINE_ADJ
PA regulator fine adjustment
0x14
IQ_MAG_ADJ
IF I/Q amplitude balance adjustment
0x15
IQ_PHASE_ADJ
IF I/Q phase balance adjustment
0x16
VCO_CAL_MIN_FL
VCO calibration low limit frequency setting (low byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com