Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AB Datasheet(PDF) 15 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 15 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
15/140
●SPI interface characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
SCLK clock frequency
FSCLK
0.032
2
16
MHz
SCEN input setup time
TSSNSU
30
-
-
ns
SCEN input hold time
TSSNH
30
-
-
ns
SCLK high pulse width
TWSCKH
28
-
-
ns
SCLK low pulse width
TWSCKL
28
-
-
ns
SDI input setup time
TSDISU
5
-
-
ns
SDI input hold time
TSDIH
15
-
-
ns
SCEN negate interval
TSSNAI
60
-
-
ns
SDO output delay time
TSDO
Load capacitance
CL=20pF
-
-
22
ns
[Note]
All timing parameter is defined at voltage level of VDDIO * 20% and VDDIO * 80%.
SCE
SCLK
MSB IN
BITS6-1
LSB IN
TSSNH
BITS6-1
TSDO
MSB OUT
TWSCKL
TWSCKH
TSDISU TSDIH
FSCLK
TSSNSU
SDI
LSB OUT
SDO
TSSNAI
SCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com