Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AB Datasheet(PDF) 6 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 6 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
6/140
PIN DEFINITION(continued)
●SPI interface pins
Pin
No
Pin name
Reset
state
I/O
Active
Level
Detail function
9
SDO
O/L
O
H or L
SPI data output
13
SDI
I
Is
H or L
SPI data input
11
SCLK
I
Is
P or N
SPI clock input
12
SCEN
I
Is
L
SPI chip enable
L: enable
H: disable
10
SINTN
O/H
O
L
SPI interrupt output
L: interrupt occurs
H: -
●DIO interface pins
Pin No
Pin name
Reset
state
I/O
Active
Level
Detail function
15
DIO
O/L
I/O
H or L
DIO data input/output
16
DCLK
O/L
O
P or N
DIO clock output
●Regulator pins
Pin
No
Pin name
Reset
state
I/O
Active
Level
Detail function
2
REG_OUT
-
-
-
Regulator output (typ.1.5V)
(Cap 10uF)
Note: This pin will output 0V in the sleep
state
3
REG_CORE
-
-
-
Monitor pin for power supply to digital
core(typ.1.5V) (Cap 10uF)
1
VBG
-
-
-
Pin for decoupling capacitor pin
(Cap 0.1uF)
8
REGPDIN
I
I
H
Power down pin for regulator
* Fix to “L” for normal use
28
REG_PA
-
-
-
Regulator output for PA block
Note: This pin will output 0V in the sleep
state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com