Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2875 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC2875
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2875 Datasheet(HTML) 3 Page - Microchip Technology

  MIC2875 Datasheet HTML 1Page - Microchip Technology MIC2875 Datasheet HTML 2Page - Microchip Technology MIC2875 Datasheet HTML 3Page - Microchip Technology MIC2875 Datasheet HTML 4Page - Microchip Technology MIC2875 Datasheet HTML 5Page - Microchip Technology MIC2875 Datasheet HTML 6Page - Microchip Technology MIC2875 Datasheet HTML 7Page - Microchip Technology MIC2875 Datasheet HTML 8Page - Microchip Technology MIC2875 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2015 Microchip Technology Inc.
DS20005549A-page 3
MIC2875
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
IN, EN, OUT, FB, /PG to PGND ................................................................................................................... –0.3V to +6V
AGND to PGND......................................................................................................................................... –0.3V to +0.3V
Power Dissipation ....................................................................................................................Internally Limited (Note 1)
ESD Rating (Note 2) ................................................................................................................ ±1.5 kV HBM, ±200V MM
Operating Ratings ††
Supply Voltage (VIN)..............................................................................................................................+2.5V to +5.5V
Output Voltage (VOUT) ...................................................................................................................................Up to +5.5V
Enable Voltage (VEN) ....................................................................................................................................... 0V to +VIN
† Notice:
Exceeding the absolute maximum ratings may damage the device.
†† Notice:
The device is not guaranteed to function outside its operating ratings.
Note 1:
The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / ϴJA.
Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the reg-
ulator will go into thermal shutdown
2:
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ
in series with 100 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com