Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2875 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC2875
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2875 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC2875 Datasheet HTML 3Page - Microchip Technology MIC2875 Datasheet HTML 4Page - Microchip Technology MIC2875 Datasheet HTML 5Page - Microchip Technology MIC2875 Datasheet HTML 6Page - Microchip Technology MIC2875 Datasheet HTML 7Page - Microchip Technology MIC2875 Datasheet HTML 8Page - Microchip Technology MIC2875 Datasheet HTML 9Page - Microchip Technology MIC2875 Datasheet HTML 10Page - Microchip Technology MIC2875 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2015 Microchip Technology Inc.
DS20005549A-page 7
MIC2875
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Efficiency vs. Load Current.
FIGURE 2-2:
Output Voltage vs. Load
Current.
FIGURE 2-3:
Output Voltage vs. Input
Voltage.
FIGURE 2-4:
Oscillator Frequency vs.
Temperature.
FIGURE 2-5:
Output Shutdown Current
vs. Temperature.
FIGURE 2-6:
Feedback Voltage vs.
Temperature.
50
60
70
80
90
100
0.001
0.010
0.100
1.000
LOAD CURRENT (A)
VIN = 3.6V
VIN = 3.0V
VIN = 2.5V
VOUT =5.0V
L = 1μH
COUT = 22μF
4.90
4.95
5.00
5.05
5.10
0.0
0.5
1.0
1.5
2.0
LOAD CURRENT (A)
VIN =3.5V
VOUT =5.0V
L = 1μH
COUT = 22μF
TA = 125℃
TA = -40℃
ADJUSTABLE
R2 = 910kΩ
R3 = 200kΩ
TA = 25℃
4.80
4.90
5.00
5.10
5.20
2.5
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE(V)
VOUT =5.0V
L = 1μH
COUT = 22μF
IOUT = 500mA
ADJUSTABLE
R2 = 910kΩ
R3 = 200kΩ
TA = 125℃
TA = 25℃
TA = -40℃
1.96
1.98
2.00
2.02
2.04
-50
-25
0
255075
100
125
150
TEMPERATURE (℃)
VIN =3.6V
VOUT =5.0V
L = 1μH
COUT = 22μF
IOUT = 0A
1.00
1.50
2.00
2.50
3.00
3.50
4.00
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (℃)
VEN =0V
VIN = 0.3V
VOUT = 5.5V
ADJUSTABLE
R2 = 910kΩ
R3 = 200kΩ
0.896
0.898
0.900
0.902
0.904
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (℃)
ADJUSTABLE
VOUT = 5.0V
R2 = 910kΩ
R3 = 200kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com