Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2875 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC2875
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2875 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC2875 Datasheet HTML 12Page - Microchip Technology MIC2875 Datasheet HTML 13Page - Microchip Technology MIC2875 Datasheet HTML 14Page - Microchip Technology MIC2875 Datasheet HTML 15Page - Microchip Technology MIC2875 Datasheet HTML 16Page - Microchip Technology MIC2875 Datasheet HTML 17Page - Microchip Technology MIC2875 Datasheet HTML 18Page - Microchip Technology MIC2875 Datasheet HTML 19Page - Microchip Technology MIC2875 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MIC2875
DS20005549A-page 16
 2015 Microchip Technology Inc.
FIGURE 7-3:
Determining PCB Area for a
Given PCB Thermal Resistance.
Figure 7-3 shows the total area of a round or square
pad, centered on the device. The solid trace represents
the area of a square, single-sided, horizontal, solder
masked, copper PC board trace heat sink, measured in
square millimeters. No airflow is assumed. The dashed
line shows the PC board’s trace heat sink covered in
black oil-based paint and with 1.3 m/sec (250 feet per
minute) airflow. This approaches a “best case” pad
heat sink. Conservative design dictates using the solid
trace data, which indicates that a maximum pad size of
5000 mm2 is needed. This is a pad 71 mm × 71 mm
(2.8 inches per side).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com