Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2875 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2875
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2875 Datasheet(HTML) 2 Page - Microchip Technology

  MIC2875 Datasheet HTML 1Page - Microchip Technology MIC2875 Datasheet HTML 2Page - Microchip Technology MIC2875 Datasheet HTML 3Page - Microchip Technology MIC2875 Datasheet HTML 4Page - Microchip Technology MIC2875 Datasheet HTML 5Page - Microchip Technology MIC2875 Datasheet HTML 6Page - Microchip Technology MIC2875 Datasheet HTML 7Page - Microchip Technology MIC2875 Datasheet HTML 8Page - Microchip Technology MIC2875 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MIC2875
DS20005549A-page 2
 2015 Microchip Technology Inc.
Typical Application Schematics
Functional Block Diagrams
AGND
SW
IN
EN
PGND
OUT
/PG
FB
V
IN
V
OUT
5.0V
L1 1μH
2.5V to 5.0V
C1
4.7μF
10V
V
IN
R1
1MΩ
R2
910kΩ
R3
200kΩ
C2*
22μF
10V
MIC2875 (Adjustable Output)
MIC2875 (Fixed Output)
AGND
SW
V
IN
IN
EN
PGND
OUT
/PG
OUTS
V
OUT
5.0V
L1 1μH
2.5V to 5.0V
C1
4.7μF
10V
V
IN
R1
1MΩ
C2*
22μF
10V
* Two more 22
F capacitors should be added in parallel with C2 for V
IN > 5.0V.
50
60
70
80
90
100
0.001
0.010
0.100
1.000
LOAD CURRENT (A)
VIN = 3.6V
VIN = 3.0V
VIN = 2.5V
VOUT =5.0V
L = 1μH
COUT = 22μF
Efficiency vs. Load Current
MIC2875 (Fixed Output)
MIC2875 (Adj. Output)
EN
IN
SW
ANTI-
RINGING
REFERENCE
GENERATOR
2MHz
OSCILLATOR
OC
4.8A
PWM LOGIC
CONTROL
+
MINIMUM
SWITCHING
CURRENT
SENSE
+
SLOPE
COMPENSATION
VIN
OUT
BODY
DRIVER
HS
DRIVER
LS
DRIVER
/PG
PGND
AGND
VREF
SOFT-
START
PWM
OUTS
VIN
EN
IN
SW
ANTI-
RINGING
REFERENCE
GENERATOR
2MHz
OSCILLATOR
OC
4.8A
PWM LOGIC
CONTROL
+
MINIMUM
SWITCHING
CURRENT
SENSE
+
SLOPE
COMPENSATION
VIN
OUT
BODY
DRIVER
HS
DRIVER
LS
DRIVER
PGL
PGH
/PG
FB
PGND
AGND
VREF
SOFT-
START
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com