Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2875 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC2875
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2875 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC2875 Datasheet HTML 4Page - Microchip Technology MIC2875 Datasheet HTML 5Page - Microchip Technology MIC2875 Datasheet HTML 6Page - Microchip Technology MIC2875 Datasheet HTML 7Page - Microchip Technology MIC2875 Datasheet HTML 8Page - Microchip Technology MIC2875 Datasheet HTML 9Page - Microchip Technology MIC2875 Datasheet HTML 10Page - Microchip Technology MIC2875 Datasheet HTML 11Page - Microchip Technology MIC2875 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MIC2875
DS20005549A-page 8
 2015 Microchip Technology Inc.
FIGURE 2-7:
UVLO Threshold vs.
Temperature.
FIGURE 2-8:
Enable Threshold vs.
Temperature.
FIGURE 2-9:
Power Good Threshold vs.
Temperature.
FIGURE 2-10:
Load Transient (0A to 1.2A).
.
FIGURE 2-11:
Load Transient (1.2A to 0A).
.
FIGURE 2-12:
Line Transient (2.5V to
3.5V).
2.00
2.10
2.20
2.30
2.40
-50
-25
0
255075
100
125
150
TEMPERATURE (℃)
RISING
FALLING
0.60
0.80
1.00
1.20
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (℃)
RISING
FALLING
3.80
4.00
4.20
4.40
4.60
4.80
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (℃)
RISING
FALLING
ADJUSTABLE
R2 = 910kΩ
R3 = 200kΩ
VOUT =5.0V
V
IN = 3.5V, VOUT = 5.0V
L = 1μH, I
OUT = 0A TO 1.2A
Time (100μs/div)
I
OUT
(1A/div)
V
SW
(5V/div)
V
/PG
(2V/div)
V
OUT
(1V/div)
(AC-COUPLED)
Time (100μs/div)
I
OUT
(1A/div)
V
SW
(5V/div)
V
/PG
(2V/div)
V
OUT
(1V/div)
(AC-COUPLED)
V
IN = 3.5V, VOUT = 5.0V
L = 1μH, I
OUT = 1.2A TO 0A
Time (100μs/div)
I
L
(2A/div)
V
IN
(2V/div)
V
OUT
(5V/div)
V
OUT
(500mV/div)
(AC-COUPLED)
V
IN = 2.5V TO 3.5V
V
OUT = 5.0V
L = 1μH
I
OUT = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com