Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2875 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC2875
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2875 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC2875 Datasheet HTML 6Page - Microchip Technology MIC2875 Datasheet HTML 7Page - Microchip Technology MIC2875 Datasheet HTML 8Page - Microchip Technology MIC2875 Datasheet HTML 9Page - Microchip Technology MIC2875 Datasheet HTML 10Page - Microchip Technology MIC2875 Datasheet HTML 11Page - Microchip Technology MIC2875 Datasheet HTML 12Page - Microchip Technology MIC2875 Datasheet HTML 13Page - Microchip Technology MIC2875 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MIC2875
DS20005549A-page 10
 2015 Microchip Technology Inc.
FIGURE 2-19:
Soft–Start Bypass Mode.
FIGURE 2-20:
Minimum Switching.
FIGURE 2-21:
Minimum Switching
(Zoom–In).
FIGURE 2-22:
Bypass mode.
FIGURE 2-23:
Bypass Mode.
BYPASS MODE
V
IN = 5.5V
V
OUT = 5.0V
I
OUT = 500mA
Time (400μs/div)
I
L
(1A/div)
V
EN
(2V/div)
V
/PG
(5V/div)
V
OUT
(5V/div)
V
IN = 3.5V, FSWMIN = 45kHz, IOUT = 0A
Time (20μs/div)
I
L
(200mA/div)
V
SW
(2V/div)
Time (400ns/div)
I
L
(200mA/div)
V
SW
(2V/div)
V
IN = 3.5V
F
SWMIN = 45kHz
I
OUT = 0A
Time (1s/div)
V
IN
(1V/div)
V
OUT
(1V/div)
BYPASS MODE – V
IN > 5.0V
V
OUT = VIN
I
OUT = 0A
V
OUT = 5.0V
V
OUT = 5.0V
Time (1s/div)
V
IN
(1V/div)
V
OUT
(1V/div)
BYPASS MODE – V
IN > 5.0V
V
OUT = VIN
I
OUT = 500mA
V
OUT = 5.0V
V
OUT = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com