Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3914 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 17Page - Microchip Technology MCP3914 Datasheet HTML 18Page - Microchip Technology MCP3914 Datasheet HTML 19Page - Microchip Technology MCP3914 Datasheet HTML 20Page - Microchip Technology MCP3914 Datasheet HTML 21Page - Microchip Technology MCP3914 Datasheet HTML 22Page - Microchip Technology MCP3914 Datasheet HTML 23Page - Microchip Technology MCP3914 Datasheet HTML 24Page - Microchip Technology MCP3914 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
 2013 Microchip Technology Inc.
DS20005216A-page 21
MCP3914
4.0
TERMINOLOGY AND
FORMULAS
This section defines the terms and formulas used
throughout this data sheet. The following terms are
defined:
• MCLK – Master Clock
• AMCLK – Analog Master Clock
• DMCLK – Digital Master Clock
• DRCLK – Data Rate Clock
• OSR – Oversampling Ratio
• Offset Error
• Gain Error
• Integral Non-Linearity Error
• Signal-to-Noise Ratio (SNR)
• Signal-To-Noise Ratio And Distortion (SINAD)
• Total Harmonic Distortion (THD)
• Spurious-Free Dynamic Range (SFDR)
• MCP3914 Delta-Sigma Architecture
• Idle Tones
• Dithering
• Crosstalk
• PSRR
• CMRR
• ADC Reset Mode
• Hard Reset Mode (RESET = 0)
• ADC Shutdown Mode
• Full Shutdown Mode
• Measurement Error
4.1
MCLK – Master Clock
This is the fastest clock present on the device. This is
the frequency of the crystal placed at the OSC1/OSC2
inputs when CLKEXT = 0, or the frequency of the
clock input at the OSC1/CLKI when CLKEXT = 1. See
Figure 4-1.
4.2
AMCLK – Analog Master Clock
AMCLK is the clock frequency that is present on the
analog portion of the device, after prescaling has
occurred via the CONFIG0 PRE<1:0> register bits (see
Equation 4-1). The analog portion includes the PGAs
and the delta-sigma modulators.
EQUATION 4-1:
FIGURE 4-1:
Clock Sub-Circuitry.
4.3
DMCLK – Digital Master Clock
This is the clock frequency that is present on the digital
portion of the device, after prescaling and division by
four (Equation 4-2). This is also the sampling fre-
quency, which is the rate at which the modulator out-
puts are refreshed. Each period of this clock
corresponds to one sample and one modulator output.
See Figure 4-1.
EQUATION 4-2:
4.4
DRCLK – Data Rate Clock
This is the output data rate, i.e., the rate at which the
ADCs output new data. Each new data is signaled by a
data ready pulse on the DR pin.
This data rate is depending on the OSR and the
prescaler with the formula in Equation 4-3.
EQUATION 4-3:
TABLE 4-1:
MCP3914 OVERSAMPLING
RATIO SETTINGS
Config.
Analog Master Clock
Prescale
PRE<1:0>
00
AMCLK = MCLK/1 (default)
01
AMCLK = MCLK/2
10
AMCLK = MCLK/4
11
AMCLK = MCLK/8
AMCLK
MCLK
PRESCALE
-------------------------------
=
DMCLK
AMCLK
4
---------------------
MCLK
4
PRESCALE
----------------------------------------
==
DRC LK
DMC LK
OSR
----------------------
AMCLK
4OSR
---------------------
MCLK
4
OSR
PRESCALE
-----------------------------------------------------------
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com