Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3914 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 16Page - Microchip Technology MCP3914 Datasheet HTML 17Page - Microchip Technology MCP3914 Datasheet HTML 18Page - Microchip Technology MCP3914 Datasheet HTML 19Page - Microchip Technology MCP3914 Datasheet HTML 20Page - Microchip Technology MCP3914 Datasheet HTML 21Page - Microchip Technology MCP3914 Datasheet HTML 22Page - Microchip Technology MCP3914 Datasheet HTML 23Page - Microchip Technology MCP3914 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
MCP3914
DS20005216A-page 20
 2013 Microchip Technology Inc.
Each communication starts with a chip select falling
edge followed by an 8-bit command word, entered
through the SDI pin. Each command is either a Read or
a Write command. Toggling SDI after a Read command
or when CS is logic high has no effect.
This input is Schmitt-triggered.
3.15
Master Reset (RESET)
This pin is active low and places the entire chip in a
Reset state when active.
When RESET is logic low, all registers are reset to their
default value, no communication can take place, and
no clock is distributed inside the part, except in the
input structure if MCLK is applied (if MCLK is idle, then
no clock is distributed). This state is equivalent to a
Power-On Reset (POR) state.
Since the default state of the ADCs is on, the analog
power consumption when RESET is logic low is
equivalent to when RESET is logic high. Only the digital
power consumption is largely reduced because this
current consumption is essentially dynamic, and is
reduced drastically when there is no clock running.
All the analog biases are enabled during a Reset, so
that the part is fully operational just after a RESET
rising edge, if MCLK is applied when RESET is logic
low. If MCLK is not applied, there is a time after a hard
reset when the conversion may not accurately
correspond to the startup of the input structure.
This input is Schmitt-triggered.
3.16
Exposed Thermal Pad
This pin must be connected to AGND or left floating for
proper operation. Connecting it to AGND is preferable
for lowest noise performance and best thermal
behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com