Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3914 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 13Page - Microchip Technology MCP3914 Datasheet HTML 14Page - Microchip Technology MCP3914 Datasheet HTML 15Page - Microchip Technology MCP3914 Datasheet HTML 16Page - Microchip Technology MCP3914 Datasheet HTML 17Page - Microchip Technology MCP3914 Datasheet HTML 18Page - Microchip Technology MCP3914 Datasheet HTML 19Page - Microchip Technology MCP3914 Datasheet HTML 20Page - Microchip Technology MCP3914 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
 2013 Microchip Technology Inc.
DS20005216A-page 17
MCP3914
3.0
PIN DESCRIPTION
The description of the pins are listed in Table 3-1.
TABLE 3-1:
EIGHT CHANNEL MCP3914 PIN FUNCTION TABLE
MCP3914
UQFN
Symbol
Function
1
CH2+
Non-Inverting Analog Input Pin for Channel 2
2
CH2-
Inverting Analog Input Pin for Channel 2
3
CH3-
Inverting Analog Input Pin for Channel 3
4
CH3+
Non-Inverting Analog Input Pin for Channel 3
5
NC
No Connect
6
NC
No Connect
7
CH4+
Non-Inverting Analog Input Pin for Channel 4
8
CH4-
Inverting Analog Input Pin for Channel 4
9
CH5-
Inverting Analog Input Pin for Channel 5
10
CH5+
Non-Inverting Analog Input Pin for Channel 5
11
CH6+
Non-Inverting Analog Input Pin for Channel 6.
12
CH6-
Inverting Analog Input Pin for Channel 6
13
CH7-
Inverting Analog Input Pin for Channel 7
14
CH7+
Non-Inverting Analog Input Pin for Channel 7
15
REFIN+/OUT
Non-Inverting Voltage Reference Input and Internal Reference Output Pin
16
REFIN-
Inverting Voltage Reference Input Pin
17
AGND
Analog Ground Pin, Return Path for internal analog circuitry
18
AVDD
Analog Power Supply Pin
19
NC
No Connect
20
DVDD
Digital Power Supply Pin
21
DGND
Digital Ground Pin, Return Path for internal digital circuitry
22
DR
Data Ready Signal Output Pin
23
NC
No Connect
24
DGND
Digital Ground Pin, Return Path for internal digital circuitry
25
OSC1/CLKI
Oscillator Crystal Connection Pin or External Clock Input
26
OSC2
Oscillator Crystal Connection Pin
27
CS
Serial Interface Chip Select Pin
28
SCK
Serial Interface Clock Input Pin
29
SDO
Serial Interface Data Output Pin
30
SDI
Serial Interface Data Input Pin
31
RESET
Master Reset Logic Input Pin
32
DGND
Digital Ground Pin, Return Path for internal digital circuitry
33
DVDD
Digital Power Supply Pin
34
NC
No Connect
35
AVDD
Analog Power Supply Pin
36
AGND
Analog Ground Pin, Return Path for internal analog circuitry
37
CH0+
Non-Inverting Analog Input Pin for Channel 0
38
CH0-
Inverting Analog Input Pin for Channel 0
39
CH1-
Inverting Analog Input Pin for Channel 1
40
CH1+
Non-Inverting Analog Input Pin for Channel 1
41
EP
Exposed Thermal Pad. Must be connected to AGND or floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com