Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3914 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 15Page - Microchip Technology MCP3914 Datasheet HTML 16Page - Microchip Technology MCP3914 Datasheet HTML 17Page - Microchip Technology MCP3914 Datasheet HTML 18Page - Microchip Technology MCP3914 Datasheet HTML 19Page - Microchip Technology MCP3914 Datasheet HTML 20Page - Microchip Technology MCP3914 Datasheet HTML 21Page - Microchip Technology MCP3914 Datasheet HTML 22Page - Microchip Technology MCP3914 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
 2013 Microchip Technology Inc.
DS20005216A-page 19
MCP3914
specifications are not ensured. If a digital ground plane
is available, it is recommended that these pins be tied
to this plane of the Printed Circuit Board (PCB). This
plane should also reference all other digital circuitry in
the system.
3.8
Data Ready Output (DR)
The data ready pin indicates if a new conversion result
is ready to be read. The default state of this pin is logic
high when DR_HIZ = 1, and is high-impedance when
DR_HIZ = 0 (default). After each conversion is
finished, a logic low pulse will take place on the data
ready pin to indicate the conversion result is ready as
an interrupt. This pulse is synchronous with the master
clock and has a defined and constant width.
The data ready pin is independent of the SPI interface
and acts like an interrupt output. The data ready pin
state is not latched, and the pulse width (and period)
are both determined by the MCLK frequency,
over-sampling rate, and internal clock prescale
settings. The data ready pulse width is equal to half a
DMCLK period and the frequency of the pulses is equal
to DRCLK (see Figure 1-3).
3.9
Oscillator and Master Clock
Input Pin (OSC1/CLKI)
OSC1/CLKI and OSC2 provide the master clock for the
device. When CLKEXT = 0, a resonant crystal or clock
source with a similar sinusoidal waveform must be
placed across OSC1 and OSC2 pins to ensure proper
operation.
The typical clock frequency specified is 4 MHz. For
proper operation, and for optimizing ADC accuracy,
AMCLK should be limited to the maximum frequency
defined in Table 5-2 for the function of the BOOST and
PGA setting chosen. MCLK can take larger values as
long as the prescaler settings (PRE<1:0>) limit
AMCLK = MCLK/PRESCALE in the defined range in
Table 5-2. Appropriate load capacitance should be
connected to these pins for proper operation.
3.10
Crystal Oscillator (OSC2)
When CLKEXT = 0 (default), a resonant crystal or
clock source with a similar sinusoidal waveform must
be placed across OSC1 and OSC2 pins to ensure
proper operation. Appropriate load capacitance should
be connected to these pins for proper operation.
When CLKEXT = 1, this pin should be connected to
DGND at all times (an internal pull down operates this
function, if the pin is left floating).
3.11
Chip Select (CS)
This pin is the Serial Peripheral Interface (SPI) chip
select that enables serial communication. When this
pin is logic high, no communication can take place. A
chip select falling edge initiates serial communication,
and a chip select rising edge terminates the
communication. No communication can take place
even when CS is logic low, if RESET is also logic low.
This input is Schmitt-triggered.
3.12
Serial Data Clock (SCK)
This is the serial clock pin for SPI communication. Data
is clocked into the device on the rising edge of SCK.
Data is clocked out of the device on the falling edge of
SCK.
The MCP3914 SPI interface is compatible with SPI 0,0
and 1,1 modes. SPI modes can be changed during a
CS high time.
The maximum clock speed specified is 20 MHz. SCK
and MCLK are two different and asynchronous clocks;
SCK is only required when a communication happens,
while MCLK is continuously required when the part is
converting analog inputs.
This input is Schmitt-triggered.
3.13
Serial Data Output (SDO)
This is the SPI data output pin. Data is clocked out of
the device on the falling edge of SCK.
This pin remains in a high-impedance state during the
command byte. It also stays high-impedance during the
entire communication for write commands and when
the CS pin is logic high, or when the RESET pin is logic
low. This pin is active only when a read command is
processed. The interface is half-duplex (inputs and
outputs do not happen at the same time).
3.14
Serial Data Input (SDI)
This is the SPI data input pin. Data is clocked into the
device on the rising edge of SCK. When CS is logic low,
this pin is used to communicate with a series of 8-bit
commands. The interface is half-duplex (inputs and
outputs do not happen at the same time).
Note:
This pin should not be left floating when
the DR_HIZ bit is low; a 100 k
 pull-up
resistor
connected
to
DVDD
is
recommended.
Note:
When CLKEXT = 1, the crystal oscillator
is disabled. OSC1 becomes the master
clock input CLKI, a direct path for an
external clock source. For example, a
clock source generated by an MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com