Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3914 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3914 Datasheet HTML 1Page - Microchip Technology MCP3914 Datasheet HTML 2Page - Microchip Technology MCP3914 Datasheet HTML 3Page - Microchip Technology MCP3914 Datasheet HTML 4Page - Microchip Technology MCP3914 Datasheet HTML 5Page - Microchip Technology MCP3914 Datasheet HTML 6Page - Microchip Technology MCP3914 Datasheet HTML 7Page - Microchip Technology MCP3914 Datasheet HTML 8Page - Microchip Technology MCP3914 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
 2013 Microchip Technology Inc.
DS20005216A-page 1
MCP3914
Features:
• Eight Synchronous Sampling 24-bit Resolution
Delta-Sigma Analog-to-Digital (A/D) Converters
• 94.5 dB SINAD, -107 dBc Total Harmonic
Distortion (THD) (up to 35th Harmonic), 112 dBFS
SFDR for Each Channel
• Enables 0.1% Typical Active Power Measurement
Error over a 10,000:1 Dynamic Range
• Advanced Security Features:
- 16-bit Cyclic Redundancy Check (CRC)
checksum on all communications for secure
data transfers
- 16-bit CRC checksum and interrupt alert for
register map configuration
- Register map lock with 8-bit secure key
• 2.7V-3.6V AVDD, DVDD
• Programmable Data Rate up to 125 ksps:
- 4 MHz Maximum Sampling Frequency
- 16 MHz Maximum Master Clock
• Oversampling Ratio up to 4096
• Ultra-Low Power Shutdown Mode with < 10 µA
• -122 dB Crosstalk between Channels
• Low Drift 1.2V Internal Voltage Reference:
9 ppm/°C
• Differential Voltage Reference Input Pins
• High Gain Programmable-Gain Amplifier (PGA)
on Each Channel (up to 32 V/V)
• Phase Delay Compensation with 1 µs Time
Resolution
• Separate Data Ready Pin for Easy Synchronization
• Individual 24-bit Digital Offset and Gain Error
Correction for Each Channel
• High-Speed 20 MHz Serial Peripheral Interface
(SPI) with Mode 0,0 and 1,1 Compatibility
• Continuous Read/Write Modes for Minimum
Communication Time with Dedicated 16/32-bit
Modes
• Available in a 40-lead UQFN Package
• Extended Temperature Range: -40°C to +125°C
Applications:
• Polyphase Energy Meters
• Energy Metering and Power Measurement
• Automotive
• Portable Instrumentation
• Medical and Power Monitoring
• Audio/Voice Recognition
Description:
The MCP3914 is a 3V eight-channel Analog Front End
(AFE), containing eight synchronous sampling delta-
sigma, Analog-to-Digital Converters (ADC), eight
PGAs, phase delay compensation block, low-drift
internal voltage reference, digital offset and gain error
calibration registers, and high-speed 20 MHz SPI-
compatible serial interface.
The MCP3914 ADCs are fully configurable, with
features such as: 16/24-bit resolution, Oversampling
Ratio (OSR) from 32 to 4096, gain from 1x to 32x,
independent Shutdown and Reset, dithering and auto-
zeroing. The communication is largely simplified with 8-
bit commands, including various continuous read/write
modes and 16/24/32-bit data formats that can be
accessed by the Direct Memory Access (DMA) of an
8/16- or 32-bit MCU, and with the separate data ready
pin that can directly be connected to an Interrupt
Request (IRQ) input of an MCU.
The MCP3914 includes advanced security features to
secure the communications and the configuration
settings, such as a CRC-16 checksum on both serial
data outputs and static register map configuration. It
also includes a register-map lock through an 8-bit
secure key to stop unwanted write commands from
processing.
The MCP3914 is capable of interfacing with a variety of
voltage and current sensors, including shunts, current
transformers, Rogowski coils and Hall-effect sensors.
Package Type
2
35
3
4
5
6
13 14 15 16 17
27
26
25
24
23
38 37 36
34
CH2+
CH4-
CH5+
CH5-
NC
DGND
SDI
SDO
EP
41
7
CH2-
8
CH3-
18 19
28
29
33
SCK
32
CS
OSC2
DR
9
CH3+
22
31
OSC1/CLKI
20
1
10
11 12
CH4+
40 39
DGND
30
21
NC
NC
MCP3914,
5x5 UQFN*
* Includes Exposed Thermal Pad (EP); see Table 3-1.
3V Eight-Channel Analog Front End


Similar Part No. - MCP3914

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3910 MICROCHIP-MCP3910 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1 MICROCHIP-MCP3910A1 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1-E/ML MICROCHIP-MCP3910A1-E/ML Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3910A1-E/ML MICROCHIP-MCP3910A1-E/ML Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results

Similar Description - MCP3914

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
logo
Texas Instruments
ADS131E08S TI1-ADS131E08S Datasheet
1Mb / 67P
Eight-Channel, 24-Bit, Analog Front-End with Fast Power-Up Time
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
3V Six-Channel Analog Front End
08/20/13
MCP3912 MICROCHIP-MCP3912 Datasheet
5Mb / 82P
3V Four-Channel Analog Front End
03/25/14
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3919 MICROCHIP-MCP3919 Datasheet
5Mb / 88P
3V Three-Channel Analog Front End
03/25/14
MCP3918 MICROCHIP-MCP3918 Datasheet
6Mb / 88P
3V Single-Channel Analog Front End
03/25/14
MCP3910 MICROCHIP-MCP3910_V01 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com