Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3914 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 2 Page - Microchip Technology

  MCP3914 Datasheet HTML 1Page - Microchip Technology MCP3914 Datasheet HTML 2Page - Microchip Technology MCP3914 Datasheet HTML 3Page - Microchip Technology MCP3914 Datasheet HTML 4Page - Microchip Technology MCP3914 Datasheet HTML 5Page - Microchip Technology MCP3914 Datasheet HTML 6Page - Microchip Technology MCP3914 Datasheet HTML 7Page - Microchip Technology MCP3914 Datasheet HTML 8Page - Microchip Technology MCP3914 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
MCP3914
DS20005216A-page 2
 2013 Microchip Technology Inc.
Functional Block Diagram
AMCLK
DMCLK/DRCLK
REFIN+/OUT
REFIN-
POR
AVDD
Monitoring
Vref+
Vref-
VREFEXT
Voltage
Reference
Vref
+
-
Xtal Oscillator
MCLK
OSC1
OSC2
Digital SPI
Interface
Clock
Generation
DMCLK
OSR<2:0>
PRE<1:0>
ANALOG
DIGITAL
SDO
SDI
SCK
DR
RESET
CS
AGND
DGND
AVDD
DVDD
CH0+
CH0-
-
+
PGA
OSR/2-
PHASE1 <11:0>
MOD<3:0>
'6
Modulator
+
OFFCAL_CH0
<23:0>
GAINCAL_CH0
<23:0>
X
DATA_CH0<23:0>
)
SINC
3+
SINC
1
Phase
Shifter
Offset
Cal.
Gain
Cal.
CH1+
CH1-
-
+
PGA
OSR/2
MOD<7:4>
'6
Modulator
+
OFFCAL_CH1
<23:0>
GAINCAL_CH1
<23:0>
X
DATA_CH1<23:0>
)
SINC
3+
SINC
1
Phase
Shifter
Offset
Cal.
Gain
Cal.
CH2+
CH2-
-
+
PGA
OSR/2-
PHASE1 <23:12>
MOD<11:8>
'6
Modulator
+
OFFCAL_CH2
<23:0>
GAINCAL_CH2
<23:0>
X
DATA_CH2<23:0>
)
SINC
3+
SINC
1
Phase
Shifter
Offset
Cal.
Gain
Cal.
CH3+
CH3-
-
+
PGA
OSR/2
MOD<15:12>
'6
Modulator
+
OFFCAL_CH3
<23:0>
GAINCAL_CH3
<23:0>
X
DATA_CH3<23:0>
)
SINC
3+
SINC
1
Phase
Shifter
Offset
Cal.
Gain
Cal.
CH4+
CH4-
-
+
PGA
OSR/2-
PHASE0<11:0>
MOD<19:16>
'6
Modulator
+
OFFCAL_CH4
<23:0>
GAINCAL_CH4
<23:0>
X
DATA_CH4<23:0>
)
SINC
3+
SINC
1
Phase
Shifter
Offset
Cal.
Gain
Cal.
CH5+
CH5-
-
+
PGA
OSR/2
MOD<23:20>
'6
Modulator
+
OFFCAL_CH5
<23:0>
GAINCAL_CH5
<23:0>
X
DATA_CH5<23:0>
)
SINC
3+
SINC
1
Phase
Shifter
Offset
Cal.
Gain
Cal.
CH6+
CH6-
-
+
PGA
OSR/2-
PHASE0<23:12>
MOD<27:24>
'6
Modulator
+
OFFCAL_CH6
<23:0>
GAINCAL_CH6
<23:0>
X
DATA_CH6<23:0>
)
SINC
3+
SINC
1
Phase
Shifter
Offset
Cal.
Gain
Cal.
CH7+
CH7-
-
+
PGA
OSR/2
MOD<31:28>
'6
Modulator
+
OFFCAL_CH7
<23:0>
GAINCAL_CH7
<23:0>
X
DATA_CH7<23:0>
)
SINC
3+
SINC
1
Phase
Shifter
Offset
Cal.
Gain
Cal.
POR
DVDD
Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com