Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF219A
Description  300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF219A_15 Datasheet HTML 10Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 11Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 12Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 13Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 14Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 15Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 16Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 17Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Micrel, Inc.
MICRF219A
August 12, 2015
14
Revision 3.0
RadioTech@micrel.com or (408) 944-0800
Programming the device is accomplished by the use of
pins DO and SCLK. Normally, DO (Pin 10) is outputting
data and needs to switch to an input pin made by the
start sequence, as shown at Figure 7.
High at the SCLK pin tri-states the DO pin, enabling the
external drive into the DO pin with an initial low level.
The start sequence is completed by taking SCLK low,
then high while DO is low, followed by taking DO high,
then low while SCLK is high. The serial interface is
initialized and ready to receive the programming data.
SCLK frequency should be greater than 5kHz to avoid
automatic reset from internal circuitry.
Figure 7. Serial Interface Start Sequence
Bits are serially programmed starting with the most
significant bit (MSB = D19) if all bits are being
programmed until the least significant bit (LSB =D0) For
instance, if only the bits D0, D1, and D2 are being
programmed, then these are the only bits that need to be
programmed with the start sequence, D2, D1, D0, plus
the stop sequence. Or, if only the bit D17 is needed,
then the sequence must be from start sequence, D17
through D0 plus the stop sequence, making sure the
other bits (besides D17) are programmed as needed. It
is recommended that all parallel input pins (SEL0, SEL1,
and SQ) be kept high when using the serial interface.
After the programming bits are finished, a stop sequence
(as shown in Figure 8) is required to end the mode and
re-establish the DO pin as an output again. To do so, the
SCLK pin is kept high while the DO pin changes from
low to high, then low again, followed by the SCLK pin
made low. Timing of the programming bits are not
critical, but should be kept as shown below:
T1 < 0.1 us, Time from SCLK to convert DO to
input pin
T6 > 0.1 us, SCLK high time
T7 > 0.1 us, SCLK low time
T2, T3, T4, T5, T8, T9, T10 > 0.1 us
Figure 8. Serial Interface Stop Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com