Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF219A
Description  300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF219A_15 Datasheet HTML 14Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 15Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 16Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 17Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 18Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 19Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 20Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 21Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Micrel, Inc.
MICRF219A
August 12, 2015
18
Revision 3.0
RadioTech@micrel.com or (408) 944-0800
Crystal Selection
The crystal resonator provides a reference clock for all
the device internal circuits. Crystal tolerance needs to
be chosen such that the down-converted signal is
always inside the IF bandwidth of MICRF219A.
From
this consideration, the tolerance should be
±50ppm on
both the transmitter and the MICRF219A side. The ESR
should be less than 300Ω, and the temperature range of
the crystal should match the range required by the
application. With the Abracon crystal listed in the Bill of
Materials, a typical MICRF219A crystal oscillator still
starts up at +105ºC
with additional 400
Ω series
resistance.
The oscillator of the MICRF219A is a Pierce-type
oscillator. Good care must be taken when laying out the
printed circuit board. Avoid long traces and place the
ground plane on the top layer close to the REFOSC pins
RO1 and RO2. When care is not taken in the layout, and
the crystals used are not verified, the oscillator may not
start or takes longer to start. Time-to-good-data will be
longer as well.
Important Note
A few customers have reported that some MICRF219A
receiver do not start up correctly.
When the issue
occurs, DO either chatters or stays at low voltage level.
An unusual operating current is observed and the part
cannot receive or demodulate data even when a strong
OOK signal is present.
Micrel has confirmed that this is the symptom of
incorrect power on reset (POR) of internal register bits.
The MICRF219A is designed to start up in shutdown
mode (SHDN pin must be in logic high during Vdd ramp
up). When the SHDN pin is tied to GND, and if the
supply is ramped up slowly, a “test bus pull down” circuit
may be activated. Once the chip enters this mode, the
POR does not have the chance to set register bits (and
hence operating modes) correctly. The test bus pull
down acts on the SHDN pin, and can be illustrated in the
following diagram.
MICRF2XX
Bias
control &
POR
Test Mode
Circuits
Test Bus
(SHDN) pin
This device turns on,
preventing POR from setting
operating modes correctly
(Vdd) pin
(SHDN) pin
3.3V
MICRF2XX
10 ohm
4.7uF
100K
2.2uF
Change the SHDN
pin and Vdd pin
connections to
To prevent the erroneous startup, a simple RC network
is recommended.
The 10
Ω resistor and the 4.7µF
capacitor provide a delay of about 200µs between the
VDD and SHDN during the power up, thus ensuring the
part to enter to shutdown stage before the part is
actually turned on. The 2.2µF capacitor bootstraps the
voltage on SHDN, ensuring that SHDN voltage leads the
supply voltage on VDD during the power up. This gives
the POR circuit time to set internal register bits.
The
SHDN pin can be brought low to turn the chip on once
the initialization is completed. The 2.2µF and 100k
Ω
network form a RC delay of about 200ms before the
SHDN pin is brought to low again. The 100k
Ω resistor
discharges the SHDN pin to turn the chip on.
The suggestion provided above will generally serve
to prevent the startup issue from happening to the
MICRF219A series ASK receiver. However, exact
values of the RC network depend on the ramp rate of
the supply voltage, and should be determined on a
case-by-case basis.
VDD pin
SHDN pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com