Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # MICRF219A
Description  300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button MICRF219A_15 Datasheet HTML 15Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 16Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 17Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 18Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 19Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 20Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 21Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 22Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 23Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Micrel, Inc.
MICRF219A
August 12, 2015
19
Revision 3.0
RadioTech@micrel.com or (408) 944-0800
PCB Considerations and Layout
The MICRF219A evaluation board is a good starting
point for prototyping of most applications. The Gerber
files are downloadable from the Micrel website and
contain the remaining layers needed to fabricate this
board. When copying or making one’s own boards,
make the traces as short as possible. Long traces alter
the matching network and the values suggested are no
longer valid. Suggested matching values may vary due
to PCB variations. A PCB trace 100 mils (2.5mm) long
has about 1.1nH inductance. Optimization should always
be done with range tests. Make sure the individual
ground connection has a dedicated via rather then
sharing a few of ground points by a single via. Sharing
ground via will increase the ground path inductance.
Ground plane should be solid and with no sudden
interruptions. Avoid using ground plane on top layer next
to the matching elements. It normally adds additional
stray capacitance which changes the matching. Do not
use Phenolic materials as they are conductive above
200MHz.
Typically,
FR4
or
better
materials
are
recommended. The RF path should be as straight as
possible
to
avoid
loops
and
unnecessary
turns.
Separate ground and VDD lines from other digital or
switching power circuits (such microcontroller, etc).
Known sources of noise should be laid out as far as
possible from the RF circuits. Avoid unnecessary wide
traces which would add more distribution capacitance
(between top trace to bottom GND plane) and alter the
RF parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com