Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF219A
Description  300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF219A_15 Datasheet HTML 1Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 2Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 3Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 4Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 5Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 6Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 7Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 8Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Micrel, Inc.
MICRF219A
August 12, 2015
2
Revision 3.0
RadioTech@micrel.com or (408) 944-0800
Ordering Information
Part Number
Temperature Range
Package
MICRF219AAYQS
–40
°C to +105°C
16-Pin QSOP
Pin Configuration
MICRF219AAYQS
Pin Description
Pin
Number
Pin
Name
Pin Function
1
RO1
Reference resonator connection to the Pierce oscillator. May also be driven by external reference signal of
200mVp-p to 1.5V p-p amplitude maximum. Internal capacitance of 7pF to GND during normal operation.
2
GNDRF
Ground connection for ANT RF input. Connect to PCB ground plane.
3
ANT
Antenna Input: RF Signal Input from Antenna. Internally AC coupled. It is recommended to use a matching
network with an inductor to RF ground to improve ESD protection.
4
GNDRF
Ground connection for ANT RF input. Connect to PCB ground plane.
5
VDD
Positive supply connection for all chip functions. Bypass with 0.1μF capacitor located as close to the VDD
pin as possible.
6
SQ
Squelch Control Logic-Level Input. An internal pull-up (5
μA typical) pulls the logic-input HIGH when the
device is enabled. This feature is not recommended in MICRF219A and this pin should remain floating.
7
SEL0
Tie this pin to VDD to ensure robust register programming. Use register bits D[4:3] to set demodulation
bandwidth.
8
SHDN
Shutdown Control Logic-Level Input. A logic-level LOW enables the device. A logic-level HIGH places the
device in low-power shutdown mode. An internal pull-up (5
μA typical) pulls the logic input HIGH. To ensure
that the part starts up correctly, connect a 1μF capacitor from VDD to SHDN, and a 50kΩ resistor from
SHDN pin to GND. After the supply voltage settles, apply a HIGH logic level voltage to SHDN to turn the
part off, then a LOW logic level voltage to turn the part on before programming or operating the device.
9
GND
Ground connection for all chip functions except for RF input. Connect to PCB ground plane.
10
DO
Data Output. Demodulated data output. A current limited CMOS output during normal operation, 25k
Ω pull-
down is present when device is in shutdown.
11
SEL1
Tie this pin to VDD to ensure robust register programming. Use register bits D[4:3] to set demodulation
bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com