Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 23 Page - Micrel Semiconductor

Part # MICRF219A
Description  300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 23 Page - Micrel Semiconductor

Back Button MICRF219A_15 Datasheet HTML 17Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 18Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 19Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 20Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 21Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 22Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 23Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 24Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 25Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Micrel, Inc.
MICRF219A
August 12, 2015
23
Revision 3.0
RadioTech@micrel.com or (408) 944-0800
Bill of Materials
− MICRF219A Evaluation Board: 315MHz
Item
Part Number
Manufacturer
Description
Qty.
C3
GQM1885C2A1R5C
Murata
(7)
1.5pF
±0.25pF, 0603 Capacitor
1
C4
GRM21BR60J475K
Murata
(7)
4.7
μF ±10%, 0805 Capacitor
1
C5, C6
GRM188R71E104K
Murata
(7)
0.1
μF ±10%, 0603 Capacitor
2
C7
NP
0
C9
GQM1885C2A1R2C
Murata
(7)
1.2pF
±0.25pF, 0603 Capacitor
1
C10, C11
GRM1885C1H100J
Murata
(7)
10pF
±5%, 0603 Capacitor
2
C12
GRM188R61A105K
Murata
(7)
1
μF ±10%, 0603 Capacitor
1
J2
NP, SMA, Edge Conn.
0
J3
571-41031480
Mouser
(8)
AMPMODU Breakaway Headers 40 P(6pos) R/A HEADER
GOLD
1
L2, L3
LQG18HN68NJ00
Murata
(7)
68nH
±5%, 0603 Multi Layer Ceramic Inductor
2
R3
CRCW040250KFKEA
Vishay
(9)
50k
Ω ±5%, 0402 Resistor
1
R4
CRCW0402100KFKEA
Vishay
(9)
100k
Ω ±5%, 0402 Resistor
1
R5, R6
CRCW04020000Z
Vishay
(9)
0
Ω ±5%,, 0402 Resistor
2
R7, R8, R9
NP
0
Y1
ABLS-9.81713MHz-10J4Y
Abracon
(10)
9.81713MHz, HC49/US
1
Y2
DSX321GK-9.81713MHz
KDS
(11)
NP, (9.81713MHz,
−40°C to +105°C), DSX321GK
0
U1
MICRF219AAYQS
Micrel, Inc.
(12)
300MHz to 450MHz ASK/OOK Receiver with Auto-Poll,
and RSSI
1
Notes:
7. Murata: www.murata.com.
8. Mouser: www.mouser.com.
9. Vishay Tel: www.vishay.com.
10. Abracon: www.abracon.com.
11. KDS: www.kds.info/index_en.htm.
12. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com