Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219A Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MICRF219A
Description  300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MICRF219A_15 Datasheet HTML 13Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 14Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 15Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 16Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 17Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 18Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 19Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 20Page - Micrel Semiconductor MICRF219A_15 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Micrel, Inc.
MICRF219A
August 12, 2015
17
Revision 3.0
RadioTech@micrel.com or (408) 944-0800
Application Information
Initial Startup
When supply voltage is initially applied, it should rise
monotonically from 0V to 3.3V to ensure proper startup
of the crystal oscillator and the PLL. It should not have
multiple bounces across 2.6V, which is the threshold of
the
undervoltage
lockout
(UVLO)
circuit
inside
MICRF219A. The SHDN pin needs to have 50k
Ω
resistor to GND and a coupling capacitor to VDD as
shown in the evaluation board schematic to ensure that
the part starts up in shutdown mode first. Then the micro
controller can bring the SHDN pin voltage down to turn
the part on.
Length of Preamble
When using MICRF219A in auto-polling mode, the
preamble of the corresponding transmitter should be
long enough to guarantee that the MICRF219A becomes
fully awake during the preamble portion of the burst.
This way the entire data portion will be received. A good
rule of thumb to use is:
Preamble length = 1.2 x sleep time + length of
valid bits sequence
The factor of 1.2 is to accommodate sleep time variation
due to process shift.
Figure 13 shows an example of insufficient length
preamble. MICRF219A starts checking bits during the
data portion of the burst, so by the time it becomes fully
awake and releases DO, part of the data portion is lost.
In Figure 14, the preamble length is sufficient. The chip
wakes up during the preamble and is ready for the data
portion.
Figure 13. Preamble Length Too Short
Figure 14. Sufficient Preamble Length
Antenna and RF Port Connections
The evaluation board offers two options of injecting the
RF input signal: through a PCB antenna or through a
50
Ω SMA connector. The SMA connection allows for
conductive testing, or an external antenna.
Low-Noise Amplifier Input Matching
Capacitor C3 and inductor L2 form the “L” shape input
matching network to the SMA connector. The capacitor
cancels out the inductive portion of the net impedance
after
the
shunt
inductor,
and
provides
additional
attenuation for low-frequency outside band noise. The
inductor is chosen to over resonate the net capacitance
at
the
pin,
leaving
a
net-positive
reactance
and
increasing the real part of the impedance. It also
provides additional ESD protection for the antenna pin.
The input impedance of the device is listed in Table 6 to
aid calculation of matching values. Note that the net
impedance at the pin is easily affected by component
pads parasitic due to the high input impedance of the
device. The numbers in Table 6 does NOT include trace
and component pad parasitic capacitance, which total
about 0.75pF on the evaluation board.
The matching components to the PCB antenna (L3 and
C9) were empirically derived for best over-the-air
reception range.
Frequency (MHz)
Z Device
(Ω)
315
23
− j290
390
14 – j230
418
17 – j216
433.92
12 – j209
Table 6. Input Impedance for the Most Used frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com