Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2802 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T2802
Description  2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2802 Datasheet(HTML) 1 Page - ATMEL Corporation

  T2802 Datasheet HTML 1Page - ATMEL Corporation T2802 Datasheet HTML 2Page - ATMEL Corporation T2802 Datasheet HTML 3Page - ATMEL Corporation T2802 Datasheet HTML 4Page - ATMEL Corporation T2802 Datasheet HTML 5Page - ATMEL Corporation T2802 Datasheet HTML 6Page - ATMEL Corporation T2802 Datasheet HTML 7Page - ATMEL Corporation T2802 Datasheet HTML 8Page - ATMEL Corporation T2802 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Rev. 4509F–DECT–10/03
Features
• Fully Integrated TX/RX with VCO
• Fast Settling Synthesizer
• Unlimited Multi-slot Operation with Advanced Closed-loop Modulation
• No Mechanical Tuning Required
• Low Current Consumption
• Auxiliary Voltage Regulator On-chip (3.2 V to 4.6 V)
• Supply-voltage Range 3 V to 4.6 V (Regulated)
• Ramp-signal Generator for Power Ramping and Power Control of External SiGe Power
Amplifier (T7024 and T7026)
• Supports Multiple Reference Clocks (10.368 MHz/13.824 MHz/20.736 MHz/27.648 MHz)
• TX Preamplifier with 3 dBm Output Power at 2.45 GHz
• Few Low-cost External Components
Electrostatic sensitive device.
Observe precautions for handling.
Description
The T2802 is an RF IC for low-power applications in the 2.45 GHz ISM band. The
QFN48-packaged IC is a complete transceiver including image rejection mixer, IF
amplifier, FM demodulator, baseband filter, RSSI, TX preamplifier, power-ramping
generator for power amplifiers, integrated synthesizer, fully integrated VCO, TX filter
and modulation compensation circuit for advanced closed-loop modulation concept.
No mechanical tuning is necessary in production.
Figure 1. Block Diagram
TANK
PC
RC
GF
MCC
CP
VCO
f
: n
f
: n
CTRL
LOGIC
PD
TX/RX
SWITCH
IR MIXER
IF AMP 1
IF AMP 2
DEMOD
BB FILTER
3-WIRE
BUS
DEMOD DAC
RSSI
TX DRIVER
CLOCK
DATA
ENABLE
RX_ON
TX_ON
PU_RX/TX
PU_PLL
TX_DATA
RSSI
BB_OUT
CF
DEMOD
IF_TANK
IF_IN
MIXER
OUT
RF_IN
TX_OUT
VS_VCO
CP
LD
REF_CLK
VTUNE
VREG
VS_REG
REG_CTRL
VREG_VCO
VCO
REG
RAMP
GEN
RAMP_OUT
RAMP_SET
AUX
REG
PU_VCO
PU_REG
GND_VCO
D/A
I_CPSW
RAMP
D/A
2.4 GHz
WDECT/ISM
Single-chip
Transceiver
T2802
Preliminary


Similar Part No. - T2802

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T2802 ETC1-T2802 Datasheet
256Kb / 4P
HIGH VOLTAGE, 8 - A SILICON TRIACS
logo
Digitron Semiconductors
T2802 DIGITRON-T2802 Datasheet
144Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2802B DIGITRON-T2802B Datasheet
144Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2802C DIGITRON-T2802C Datasheet
144Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2802D DIGITRON-T2802D Datasheet
144Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
More results

Similar Description - T2802

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
June 1997
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
logo
List of Unclassifed Man...
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
Single chip 2.4 GHz Transceiver
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
Single chip 2.4 GHz Transceiver
logo
ATMEL Corporation
T2803 ATMEL-T2803_05 Datasheet
582Kb / 28P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
Low-IF 2.4-GHz ISM Transceiver
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
Low-IF 2.4-GHz ISM Transceiver
logo
List of Unclassifed Man...
NRF24L01 ETC1-NRF24L01 Datasheet
457Kb / 39P
Single chip 2.4 GHz Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com