Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2802 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # T2802
Description  2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2802 Datasheet(HTML) 3 Page - ATMEL Corporation

  T2802 Datasheet HTML 1Page - ATMEL Corporation T2802 Datasheet HTML 2Page - ATMEL Corporation T2802 Datasheet HTML 3Page - ATMEL Corporation T2802 Datasheet HTML 4Page - ATMEL Corporation T2802 Datasheet HTML 5Page - ATMEL Corporation T2802 Datasheet HTML 6Page - ATMEL Corporation T2802 Datasheet HTML 7Page - ATMEL Corporation T2802 Datasheet HTML 8Page - ATMEL Corporation T2802 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
T2802
4509F–DECT–10/03
Pin Description
Pin
Symbol
Function
Configuration
1
2
3
CLOCK
DATA
ENABLE
3-wire-bus: Clock input
3-wire-bus: Data input
3-wire-bus: Enable input
4
REF_CLK
Reference-frequency input
5
LD
Lock-detect output
6
PU_REG
Power-up input for auxiliary voltage regulator
CLOCK
DATA
ENABLE
1,2,3
5k
5k
VS_PLL
7
GND_PLL
43
VS_PLL
7
REF_CLK
4
10k
GND_PLL
43
10k
GND_PLL
43
100
LD
5
PU_REG
6
25k
25k
GND_PLL
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com