Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2802 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # T2802
Description  2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2802 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button T2802 Datasheet HTML 17Page - ATMEL Corporation T2802 Datasheet HTML 18Page - ATMEL Corporation T2802 Datasheet HTML 19Page - ATMEL Corporation T2802 Datasheet HTML 20Page - ATMEL Corporation T2802 Datasheet HTML 21Page - ATMEL Corporation T2802 Datasheet HTML 22Page - ATMEL Corporation T2802 Datasheet HTML 23Page - ATMEL Corporation T2802 Datasheet HTML 24Page - ATMEL Corporation T2802 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
T2802
4509F–DECT–10/03
Output Power Settings
Figure 4. 3-Wire Bus Protocol Timing Diagram
Figure 5. TX DATA Timing
With bits E11 - E12
PA (Output Power Settings)
E12
E11
PA
0
0
-21 dBm
01
-11 dBm
10
-4 dBm
11
+3 dBm
DATA
CLOCK
ENABLE
TT
TEC
TS
TC
TH
TL
TPER
Description
Symbol
Minimum Value
Unit
Clock period
TPER
125
ns
Set time data to clock
TS
60
ns
Hold time data to clock
TH
60
ns
Clock pulse width
TC
125
ns
Set time enable to clock
TL
200
ns
Hold time enable to data
TEC
0
ns
Time between two protocols
TT
250
ns
RefCLK
TX_DATA
T
S
T
H
Set-up time TX DATA
TS
> 8 ns
When using REFCLK = 10.368 MHz, TS and TH must be
considered for falling and rising edge of REFCLK
Hold time TX DATA
TH
> 8 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com