Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2802 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # T2802
Description  2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2802 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button T2802 Datasheet HTML 16Page - ATMEL Corporation T2802 Datasheet HTML 17Page - ATMEL Corporation T2802 Datasheet HTML 18Page - ATMEL Corporation T2802 Datasheet HTML 19Page - ATMEL Corporation T2802 Datasheet HTML 20Page - ATMEL Corporation T2802 Datasheet HTML 21Page - ATMEL Corporation T2802 Datasheet HTML 22Page - ATMEL Corporation T2802 Datasheet HTML 23Page - ATMEL Corporation T2802 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
20
T2802
4509F–DECT–10/03
RAMPDAC Adjustment
for TX Mode
MCCS Adjustment
TEST Mode Settings
With bits E6 - E10
Only in TX mode effective. Used to control the power of the external PA by adjusting the
ramping voltage.
RAMPDAC Voltage (at Pin 36 RAMP_OUT)
E10
E9E8E7E6
V
RAMP_OUT
000
00
1.1 V
000
01
...
000
10
...
...
...
...
...
...
...
101
11
1.68 V
110
00
1.7 V
...
...
...
...
...
...
111
10
...
111
11
1.7 V
With bits E3 - E5
Only in TX mode effective. Adjusts the modulation compensation circuit for closed-loop
modulation. This adjustment is done with a test sequence of a long stream of ,1‘ - ,0‘.
The correct setting is achieved if the modulation is not affected by the PLL.
MCCS (Modulation Compensation Settings)
E5
E4
E3
MCCS
00
0
60%
00
1
70%
01
0
80%
01
1
90%
1
0
0
100%
1
0
1
110%
1
1
0
120%
1
1
1
130%
With bits E0 - E2
In normal operation Lock detect output is used. All other settings are for test only.
E2
E1
E0
Signal at Lock Detect Output
CP Mode
0
0
0
Lock detect
Active
0
0
1
PC out/2
Active
0
1
0
RC out/2
Active
0
1
1
MCCTEST: RC out divided by 512
Active
1
0
0
Lock detect
High imp.
1
0
1
PC out/2
High imp.
1
1
0
RC out/2
High imp.
111
GFTEST: RC out
High imp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com