Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2802 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # T2802
Description  2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2802 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button T2802 Datasheet HTML 9Page - ATMEL Corporation T2802 Datasheet HTML 10Page - ATMEL Corporation T2802 Datasheet HTML 11Page - ATMEL Corporation T2802 Datasheet HTML 12Page - ATMEL Corporation T2802 Datasheet HTML 13Page - ATMEL Corporation T2802 Datasheet HTML 14Page - ATMEL Corporation T2802 Datasheet HTML 15Page - ATMEL Corporation T2802 Datasheet HTML 16Page - ATMEL Corporation T2802 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
T2802
4509F–DECT–10/03
Functional Description
Receiver
The RF signal at RF_IN is fed to an image rejection mixer IR_MIXER with its differential
outputs MIXER_OUT1 and MIXER_OUT2 driving an IF-SAW filter at 110.592 MHz or
112.32 MHz. The IF amplifiers IF_AMP1 and IF_AMP2 with an external IF_TANK and
an integrated RSSI function feed the signal to the demodulator DEMOD working at
f= f
IF/2 (»55 MHz) and finally to an integrated baseband filter BB. For demodulator
tunning in production an integrated 5-bit digital-to-analog (D/A) converter is provided to
control the on-chip varicap diode.
Transmitter
The transmit data at TX_DATA is filtered by an integrated Gaussian Filter GF and fed to
the fully integrated VCO operating at twice the output frequency. After modulation the
signal is frequency-divided by 2 and fed via a TX/RX SWITCH to the TX_DRIVER. This
bus-controlled driver amplifier supplies typically +3 dBm output power at TX_OUT. A
ramp-signal generator RAMP_GEN, providing a ramp signal at RAMP_OUT for the
external power amplifier, is integrated. The slope of the ramp signal is controlled by a
capacitor at the RAMP_SET pin.
Synthesizer
The IR_MIXER, the TX_DRIVER and the programmable counter PC are driven by the
fully integrated VCO (including on-chip inductors and varactors). A 3-bit digital-to-analog
converter is used to pretune the frequency. The output signal is frequency-divided to
supply the desired frequency to the TX_DRIVER, 0/90 degree phase shifter for the
IR_MIXER and to be used by the PC for the phase detector PD (f
PD =3.456 MHz).
Unlimited multislot operation is possible by using the integrated advanced closed-loop
modulation concept based on the modulation compensation circuit MCC.
Power Supply
An integrated bandgap-stabilized voltage regulator for use with an external low-cost
PNP transistor is implemented. Multiple power-down and current saving modes are
provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com