Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2802 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # T2802
Description  2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2802 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button T2802 Datasheet HTML 21Page - ATMEL Corporation T2802 Datasheet HTML 22Page - ATMEL Corporation T2802 Datasheet HTML 23Page - ATMEL Corporation T2802 Datasheet HTML 24Page - ATMEL Corporation T2802 Datasheet HTML 25Page - ATMEL Corporation T2802 Datasheet HTML 26Page - ATMEL Corporation T2802 Datasheet HTML 27Page - ATMEL Corporation T2802 Datasheet HTML 28Page - ATMEL Corporation T2802 Datasheet HTML 29Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
26
T2802
4509F–DECT–10/03
Power Up
PU_REG = ‘1‘
PU_RX/TX = ‘1‘
PU_PLL = ‘1‘
High input current
VPU = 3 V, pin 6
V
PU = 4.6 V, pin 45
V
PU = 3 V, pin 46
V
PU = 4.6 V
IPU_REG
I
PU_RX/TX
I
PU_PLL
20
60
100
200
30
80
125
300
40
100
150
400
µA
µA
µA
µA
Standby
PU_xxxx = ‘0’
Low input current
V
PU = 0 V, pin 6
V
PU = 0.5 V, pins 45, 46
I
PU,OFF
0.1
1
µA
µA
Settling Time
V
S = 0 ® active operation
Switched from
V
S = 0 to VS = 3V
t
soa
< 10
µs
Settling Time
standby
® active operation
Switched from
PU = ‘0’ to PU = ‘1’
t
ssa
< 10
µs
Settling Time
active operation
® standby
Switched from
PU = ‘1’ to standby
t
sas
< 2
µs
Power Supply (Pins 7, 10, 12, 14, 33 and 42)
Total supply current
RX
I
S
85
mA
RSSI only
I
S
82
mA
TX
I
S
54
mA
TX (MCC, GF active)
I
S
58
mA
Standby current
PU_RX/TX = GND
IS
10
µA
Supply current CP
V
VS_CP = 3 V, PLL in lock condition,
Pin 13
I
CP
1µA
Electrical Characteristics (Continued)
Test conditions (unless otherwise specified): VS_REG = 3.2 V, Tamb = 25°C
Parameters
Test Conditions/Pins
Symbol
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com