Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-85-R Datasheet(PDF) 11 Page - Vicor Corporation

Part # FPV1006-85-R
Description  8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-85-R Datasheet(HTML) 11 Page - Vicor Corporation

Back Button FPV1006-85-R Datasheet HTML 7Page - Vicor Corporation FPV1006-85-R Datasheet HTML 8Page - Vicor Corporation FPV1006-85-R Datasheet HTML 9Page - Vicor Corporation FPV1006-85-R Datasheet HTML 10Page - Vicor Corporation FPV1006-85-R Datasheet HTML 11Page - Vicor Corporation FPV1006-85-R Datasheet HTML 12Page - Vicor Corporation FPV1006-85-R Datasheet HTML 13Page - Vicor Corporation FPV1006-85-R Datasheet HTML 14Page - Vicor Corporation FPV1006-85-R Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 11 of 30
12/2015
800 927.9474
PI34xx-00
Efficiency at 25°C
I
OUT (A)
8 Vin
12 Vin
18 Vin
100
50
15
0
95
90
85
80
75
70
65
60
55
1
2
3
45
6
7
8
9
10
11
12
13
14
Figure 7 — Regulator and inductor performance
Figure 8 — VOUT (Ch1) = 1V/Div, IIN (Ch4) = 2 A/Div, 800 µs/Div
Figure 10 — 12 VIN to 1.8 VOUT, COUT = 8 X 100
µF Ceramic
VOUT (Ch2) = 100 mV/Div, IIN (Ch1) = 10 A/Div, 100 µS/Div
Switching Frequency vs. Load Current
I
OUT (A)
8 Vin
12 Vin
18 Vin
0
15
800
700
600
500
400
300
200
100
1
2
3
45
6
7
8
9
10
11
12
13
14
Figure 9 — Switching Frequency vs. Load Current
PI3421-00-LGIZ (1.8 VOUT) Electrical Characteristics
Figure 12 — Output Ripple 12 VIN 1.8 VOUT at 7.0 A; COUT = 8 x 100 µF
Figure 11 — Output Ripple 12 VIN 1.8 VOUT at 15 A; COUT = 8 x 100 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com