Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-85-R Datasheet(PDF) 2 Page - Vicor Corporation

Part # FPV1006-85-R
Description  8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-85-R Datasheet(HTML) 2 Page - Vicor Corporation

  FPV1006-85-R Datasheet HTML 1Page - Vicor Corporation FPV1006-85-R Datasheet HTML 2Page - Vicor Corporation FPV1006-85-R Datasheet HTML 3Page - Vicor Corporation FPV1006-85-R Datasheet HTML 4Page - Vicor Corporation FPV1006-85-R Datasheet HTML 5Page - Vicor Corporation FPV1006-85-R Datasheet HTML 6Page - Vicor Corporation FPV1006-85-R Datasheet HTML 7Page - Vicor Corporation FPV1006-85-R Datasheet HTML 8Page - Vicor Corporation FPV1006-85-R Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 2 of 30
12/2015
800 927.9474
PI34xx-00
Contents
Contents
Page
Order Information
3
Thermal, Storage, and Handling Information
3
Absolute Maximum Ratings
4
Functional Block Diagram
4
Pin Description
5
Package Pin-Out
5
PI3420-00-LGIZ Electrical Characteristics
6
PI3421-00-LGIZ Electrical Characteristics
9
PI3422-00-LGIZ Electrical Characteristics
12
PI3423-00-LGIZ Electrical Characteristics
15
PI3424-00-LGIZ Electrical Characteristics
18
Thermal Derating Curves
21
Functional Description
22
ENABLE
22
Remote Sensing
22
Switching Frequency Synchronization
22
Soft-Start
22
Output Voltage Trim
22
Output Current Limit Protection
22
Input Undervoltage Lockout
22
Input Overvoltage Lockout
22
Output Ovevoltage Protection
23
Overtemperature Protection
23
Parallel Operation
23
Pulse Skip Mode (PSM)
23
Variable Frequency Operation
23
Contents
Page
Application Description
23
Output Voltage Trim
23
Soft-Start Adjust and Tracking
24
Inductor Pairing
25
Thermal Derating
25
Filter Considerations
25
Layout Guidelines
26
Recommended PCB Footprint and Stencil
27
Package Drawings
28
Revision History
29
Warranty
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com