Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-85-R Datasheet(PDF) 5 Page - Vicor Corporation

Part # FPV1006-85-R
Description  8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-85-R Datasheet(HTML) 5 Page - Vicor Corporation

  FPV1006-85-R Datasheet HTML 1Page - Vicor Corporation FPV1006-85-R Datasheet HTML 2Page - Vicor Corporation FPV1006-85-R Datasheet HTML 3Page - Vicor Corporation FPV1006-85-R Datasheet HTML 4Page - Vicor Corporation FPV1006-85-R Datasheet HTML 5Page - Vicor Corporation FPV1006-85-R Datasheet HTML 6Page - Vicor Corporation FPV1006-85-R Datasheet HTML 7Page - Vicor Corporation FPV1006-85-R Datasheet HTML 8Page - Vicor Corporation FPV1006-85-R Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 5 of 30
12/2015
800 927.9474
PI34xx-00
PGD
VS1
Block 4
VIN
Block 3
PGND
Block 2
SGND
ADJ
TRK
SDA
SCL
ADR0
ADR1
K
J
H
G
F
E
D
C
B
A
13
12
5
4
3
1
14
210
9
8
7
611
SGND
Block 1
VOUT
Block 5
Package Pin-Out
Pin Description
Block 1:
B2-4, C2-4, D2-3, E2-3, F1-3, G2-3, H2-3, J1-3, K1-2
Block 2:
A8-10, B8-10, C8-10, D8-10, E4-10, F4-10, G4-10, H4-10, J4-10, K6-10
Block 3:
G12-14, H12-14, J12-14, K12-14
Block 4:
A12-14, B12-14, C12-14, D12-14, E12-14,
Block 5:
A6-7, B6-7, C6-7, D6-7
Name
Location
Description
SGND
Block 1
Signal ground: Internal logic ground for EA, TRK, SYNCI, SYNCO and ADJ. SGND and PGND are star connected
within the regulator package.
PGND
Block 2
Power ground: VIN and VOUT power returns.
VIN
Block 3
Input voltage: and sense for UVLO, OVLO and feed forward ramp.
VOUT
Block 5
Output voltage: and sense for power switches and feed-forward ramp.
VS1
Block 4
Switching node: and ZVS sense for power switches.
PGD
A1
Parallel Good: Used for parallel timing management intended for lead regulator.
EAO
A2
Error amp output: External connection for additional compensation and current sharing.
EN
A3
Enable Input: Regulator enable control. Asserted high or left floating – regulator enabled; Asserted low,
regulator output disabled.
REM
A5
Remote Sense: High side connection. Connect to output regulation point.
ADJ
B1
Adjust input: An external resistor may be connected between ADJ pin and SGND or VOUT to trim the output
voltage up or down.
TRK
C1
Soft-start and track input: An external capacitor may be connected between TRK pin and SGND to decrease
the rate of rise during soft-start.
NC
K3, A4
No Connect: Leave pins floating.
SYNCO
K4
Synchronization output: Outputs a high signal for ½ of the minimum period for synchronization of other
regulators.
SYNCI
K5
Synchronization input: Synchronize to the falling edge of external clock frequency. SYNCI is a high
impedance digital input node and should always be connected to SGND when not in use.
SDA
D1
Data Line: Connect to SGND. Factory use only. Not for use in application.
SCL
E1
Clock Line: Connect to SGND. Factory use only. Not for use in application.
ADR1
H1
Tri-state Address: No connect. Factory use only. Not for use in application.
ADR0
G1
Tri-state Address: No connect. Factory use only. Not for use in application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com