Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-85-R Datasheet(PDF) 6 Page - Vicor Corporation

Part # FPV1006-85-R
Description  8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-85-R Datasheet(HTML) 6 Page - Vicor Corporation

Back Button FPV1006-85-R Datasheet HTML 2Page - Vicor Corporation FPV1006-85-R Datasheet HTML 3Page - Vicor Corporation FPV1006-85-R Datasheet HTML 4Page - Vicor Corporation FPV1006-85-R Datasheet HTML 5Page - Vicor Corporation FPV1006-85-R Datasheet HTML 6Page - Vicor Corporation FPV1006-85-R Datasheet HTML 7Page - Vicor Corporation FPV1006-85-R Datasheet HTML 8Page - Vicor Corporation FPV1006-85-R Datasheet HTML 9Page - Vicor Corporation FPV1006-85-R Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 6 of 30
12/2015
800 927.9474
PI34xx-00
PI3420-00-LGIZ (1.0 VOUT) Electrical Characteristics
Specifications apply for -40°C < TJ < 125°C, VIN =12 V, L1 = 85 nH (Note 1) unless other conditions are noted.
[1]
All parameters reflect regulator and inductor system performance. Measurements were made using a standard PI34xx-00 evaluation board with 3 x 4”
dimensions and 4 layer, 2oz copper. Refer to inductor pairing table within Application Description section for specific inductor manufacturer and value.
[2]
Regulator is assured to meet performance specifications by design, test correlation, characterization, and/or statistical process control.
[3]
Output current capability may be limited and other performance may vary from noted electrical characteristics when switching frequency or
VOUT is modified.
[4]
Refer to Output Ripple plots.
[5]
Refer to Load Current vs. Ambient Temperature curves.
[6]
Refer to Switching Frequency vs. Load current curves.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Specifications
Input Voltage
VIN_DC
Minimum 1 mA load required
8
12
18
V
Input Current
IIN_DC
VIN = 12 V, TC = 25°C, IOUT = 15 A
1.437
A
Input Current At Output Short
IIN_Short
Note [2]
10
mA
(fault condition duty cycle)
Input Quiescent Current
IQ_VIN
Disabled
2.6
mA
Enabled (no load)
4
Input Voltage Slew Rate
VIN_SR
Note [2]
1V/
µs
Output Specifications
Output Voltage Total Regulation
VOUT_DC
Note [2]
0.987
1.0
1.013
V
Output Voltage Trim Range
VOUT_DC
Note [3]
1.0
1.4
V
Line Regulation
∆VOUT(∆VIN) @25°C, 8 V <VIN <18 V
0.10
%
Load Regulation
∆VOUT(∆IOUT) @25°C, 0.5 A <IOUT <15 A
0.20
%
Output Voltage Ripple
VOUT_AC
IOUT = 7.5 A, COUT = 8 x100
µF, 20 MHz BW, Note [4]
27
mVp-p
Continuous Output Current Range
IOUT_DC
0.001
15
A
Current Limit
IOUT_CL
18
A
Protection
UVLO Start Threshold
VUVLO_START
7.20
7.60
8.00
V
UVLO Stop Hysteresis
VUVLO_HYS
45
6
V
UVLO Stop Threshold
VOVLO
19.71
20.75
21.78
V
OVLO Start Hysteresis
VOVLO_HYS
1.56
1.83
2.1
V
UVLO/OVLO Fault Delay Time
tf_DLY
Number of the switching frequency cycles
128
Cycles
UVLO/OVLO Response Time
tf
+1% overdrive
500
ns
Output Overvoltage Protection
VOVP
Above Set VOUT
20
%
Over-Temperature Fault Threshold
TOTP
130
135
140
°C
Over-Temperature Restart Hysteresis
TOTP_HYS
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com