Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-85-R Datasheet(PDF) 16 Page - Vicor Corporation

Part # FPV1006-85-R
Description  8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-85-R Datasheet(HTML) 16 Page - Vicor Corporation

Back Button FPV1006-85-R Datasheet HTML 12Page - Vicor Corporation FPV1006-85-R Datasheet HTML 13Page - Vicor Corporation FPV1006-85-R Datasheet HTML 14Page - Vicor Corporation FPV1006-85-R Datasheet HTML 15Page - Vicor Corporation FPV1006-85-R Datasheet HTML 16Page - Vicor Corporation FPV1006-85-R Datasheet HTML 17Page - Vicor Corporation FPV1006-85-R Datasheet HTML 18Page - Vicor Corporation FPV1006-85-R Datasheet HTML 19Page - Vicor Corporation FPV1006-85-R Datasheet HTML 20Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 16 of 30
12/2015
800 927.9474
PI34xx-00
PI3423-00-LGIZ (3.3 VOUT) Electrical Characteristics
Specifications apply for -40°C < TJ < 125°C, VIN =12 V, L1 = 150 nH (Note 1) unless other conditions are noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Timing
Switching Frequency
fS
Note [6]
700
kHz
Fault Restart Delay
tFR_DLY
30
ms
Sync In (SYNCI)
Synchronization Frequency Range
∆fSYNCI
Relative to set switching frequency. Note [3]
50
110
%
SYNCI Threshold
VSYNCI
2.5
V
Sync Out (SYNCO)
SYNCO High
VSYNCO_HI
Source 1mA
4.5
V
SYNCO Low
VSYNCO_LO
Sink 1mA
0.5
V
SYNCO Rise Time
tSYNCO_RT
20pF load
10
ns
SYNCO Fall Time
tSYNCO_FT
20pF load
10
ns
Soft Start And Tracking
TRK Active Input Range
VTRK
Internal reference tracking range.
0
1.2
V
TRK Max Output Voltage
VTRK_MAX
1.2
V
TRK Disable Threshold
VTRK_OV
20
40
60
mV
Charge Current (Soft–Start)
ITRK
-70
-50
-30
µA
Discharge Current (Fault)
ITRK_DIS
6.8
mA
Soft-Start Time
tSS
CTRK = 0uF
2.2
ms
Enable
High Threshold
VEN_HI
0.9
1
1.1
V
Low Threshold
VEN_LO
0.7
0.8
0.9
V
Threshold Hysteresis
VEN_HYS
100
200
300
mV
Enable Pull-Up Voltage
VEN_PU
With positive logic EN polarity
2
V
(floating, unfaulted)
Enable Pull-Down Voltage
VEN_PD
With negative logic EN polarity
0
V
(floating, faulted)
Source Current
IEN_SO
With positive logic EN polarity
-50
uA
Sink Current
IEN_SK
With negative logic EN polarity
50
uA
[1]
All parameters reflect regulator and inductor system performance. Measurements were made using a standard PI34xx-00 evaluation board with 3 x 4”
dimensions and 4 layer, 2oz copper. Refer to inductor pairing table within Application Description section for specific inductor manufacturer and value.
[2]
Regulator is assured to meet performance specifications by design, test correlation, characterization, and/or statistical process control.
[3]
Output current capability may be limited and other performance may vary from noted electrical characteristics when switching frequency or
VOUT is modified.
[4]
Refer to Output Ripple plots.
[5]
Refer to Load Current vs. Ambient Temperature curves.
[6]
Refer to Switching Frequency vs. Load current curves.
[7]
Minimum 5 V between Vin-Vout must be maintained or a minimum load of 1 mA required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com