Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-85-R Datasheet(PDF) 4 Page - Vicor Corporation

Part # FPV1006-85-R
Description  8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-85-R Datasheet(HTML) 4 Page - Vicor Corporation

  FPV1006-85-R Datasheet HTML 1Page - Vicor Corporation FPV1006-85-R Datasheet HTML 2Page - Vicor Corporation FPV1006-85-R Datasheet HTML 3Page - Vicor Corporation FPV1006-85-R Datasheet HTML 4Page - Vicor Corporation FPV1006-85-R Datasheet HTML 5Page - Vicor Corporation FPV1006-85-R Datasheet HTML 6Page - Vicor Corporation FPV1006-85-R Datasheet HTML 7Page - Vicor Corporation FPV1006-85-R Datasheet HTML 8Page - Vicor Corporation FPV1006-85-R Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 4 of 30
12/2015
800 927.9474
PI34xx-00
Functional Block Diagram
VIN
PGND
SYNCO
PGD
Q1
Q2
VCC
EN
SYNCI
TRK
EAO
ADJ
VS1
Power
Control
Interface
Memory
+
-
VOUT
REM
R4
R2
Vout
0Ω
R1
ZVS Control
1V
Vin
Absolute Maximum Ratings
Notes: At 25°C ambient temperature. Stresses beyond these limits may cause permanent damage to the device. Operation at these conditions or conditions
beyond those listed in the Electrical Characteristics is not guaranteed. All voltage nodes are referenced to PGND unless otherwise noted. Test conditions are
per the specifications within the individual product Electrical Characteristics.
Simplified Block Diagram (I2C pins SCL, SDA, ADR0, and ADR1 are for factory use only. Not for use in application.)
Name
Rating
VIN
-0.7 V to 22 V
VS1
-0.7 to 22 V, 25 V for 5 ns, -4 V for 5 ns
VOUT
See relevant product section
SGND
100 mA
PGD, SYNCO, SYNCI, EN, EAO, ADJ, TRK, ADR1, ADR2, SCL, SDA, REM
-0.3 V to 5.5 V / 5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com