Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-PD6722 Datasheet(PDF) 88 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 88 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 84Page - Cirrus Logic CL-PD6722 Datasheet HTML 85Page - Cirrus Logic CL-PD6722 Datasheet HTML 86Page - Cirrus Logic CL-PD6722 Datasheet HTML 87Page - Cirrus Logic CL-PD6722 Datasheet HTML 88Page - Cirrus Logic CL-PD6722 Datasheet HTML 89Page - Cirrus Logic CL-PD6722 Datasheet HTML 90Page - Cirrus Logic CL-PD6722 Datasheet HTML 91Page - Cirrus Logic CL-PD6722 Datasheet HTML 92Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 128 page
background image
PRELIMINARY DATA SHEET v3.1
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
88
ELECTRICAL SPECIFICATIONS
Table 15-2. PC Card Bus Interface DC Specifications
Symbol
Parameter
MIN
MAX
Unit
Conditions
SOCKET_VCC5V
Power Supply Voltage
4.5
5.5
V
Normal operation
SOCKET_VCC3V
Power Supply Voltage
3.0
3.6
V
VIH
Input High Voltage
2.0
V
CORE_VDD = 3.0 V,
Misc Control 2 register, bit 3 is ‘0’
2.0
V
CORE_VDD = 4.5 V,
Misc Control 2 register, bit 3 is ‘1’
VIL
Input Low Voltage
0.8
V
CORE_VDD = 3.6 V,
Misc Control 2 register, bit 3 is ‘0’
0.8
V
CORE_VDD = 5.5 V,
Misc Control 2 register, bit 3 is ‘1’
VIHC
Input High Voltage CMOS
0.7 VDD
V
CORE_VDD = 4.5 V,
Misc Control 2 register, bit 3 is ‘0’
VILC
Input Low Voltage CMOS
0.2 VDD
V
CORE_VDD = 5.5 V,
Misc Control 2 register, bit 3 is ‘0’
VOH
Output High Voltage
2.4
V
At rated IOH,
respective SOCKET_VCC = 3.0 V
VOHC
Output High Voltage CMOS
SOCKET_VCC
– 0.5
V
At rated IOHC,
respective SOCKET_VCC = 3.0 V
VOL
Output Low Voltage
0.5
V
At rated IOL
IOH
Output High Current
−2mA
Respective SOCKET_VCC = 3.0
V,
VOH = 2.4V
IOHC
Output High Current CMOS
−1mA
Respective SOCKET_VCC = 3.0
V,
VOHC = SOCKET_VCC – 0.5 V
IOL
Output Low Current
2
mA
Respective SOCKET_VCC = 3.0
V,
VOL = 0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com