Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-PD6722 Datasheet(PDF) 99 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 99 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 95Page - Cirrus Logic CL-PD6722 Datasheet HTML 96Page - Cirrus Logic CL-PD6722 Datasheet HTML 97Page - Cirrus Logic CL-PD6722 Datasheet HTML 98Page - Cirrus Logic CL-PD6722 Datasheet HTML 99Page - Cirrus Logic CL-PD6722 Datasheet HTML 100Page - Cirrus Logic CL-PD6722 Datasheet HTML 101Page - Cirrus Logic CL-PD6722 Datasheet HTML 102Page - Cirrus Logic CL-PD6722 Datasheet HTML 103Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
99
PRELIMINARY DATA SHEET v3.1
ELECTRICAL SPECIFICATIONS
Default minimum Command time = (C
× Tcp) – 10 ns = {7 × 40 ns} – 10 ns = 270 ns
Equation 15-9
Default minimum Recovery time = (R
× Tcp) – 10 ns = {4 × 40 ns} – 10 ns = 150 ns
Equation 15-10
15.3.7
PC Card Socket Timing
Table 15-12. Memory Read/Write Timing (Word Access)
Symbol
Parameter
MIN
MAX
Units
t1
-CE[2:1], -REG, Address, and Write Data setup to Command
active1
(S
× Tcp) – 10
ns
t2
Command pulse width2
(C
× Tcp) – 10
ns
t3
Address hold and Write Data valid from Command inactive3
(R
× Tcp) – 10
ns
t4
-WAIT active from Command active4
(C – 2)Tcp – 10
ns
t5
Command hold from -WAIT inactive
(2 Tcp) + 10
ns
t6
Data valid from -WAIT inactive
Tcp + 10
ns
t7
Data setup before -OE inactive
(2 Tcp) + 10
ns
t8
Data hold after -OE inactive
0
ns
1 The Setup time is determined by the value programmed into the Setup Timing register, index 3Ah/3Dh. Using the Timer
Set 0 default value of 01h, the setup time would be 70 ns. S = (Npres × Nval + 1), see page 98.
2 The Command time is determined by the value programmed into the Command Timing register, index 3Bh/3Eh. Using
the Timer Set 0 default value of 06h, the Command time would be 270 ns. C = (Npres × Nval + 1), see page 98.
3 The Recovery time is determined by the value programmed into the Recovery Timing register, index 3Ch/3Fh. Using the
Timer Set 0 default value of 03h, the hold (Recovery) time would be 150 ns. R = (Npres × Nval + 1), see page 98.
4 For typical active timing programmed at 280 ns, maximum -WAIT timing is 190 ns after Command active.
-REG, -CE[2:1],
t1
t2
t4
t3
-WAIT
t7
D[15:0]
D[15:0]
t8
t5
A[25:0]
-OE, -WE
t6
Write Cycle
Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com