Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-PD6722 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 9Page - Cirrus Logic CL-PD6722 Datasheet HTML 10Page - Cirrus Logic CL-PD6722 Datasheet HTML 11Page - Cirrus Logic CL-PD6722 Datasheet HTML 12Page - Cirrus Logic CL-PD6722 Datasheet HTML 13Page - Cirrus Logic CL-PD6722 Datasheet HTML 14Page - Cirrus Logic CL-PD6722 Datasheet HTML 15Page - Cirrus Logic CL-PD6722 Datasheet HTML 16Page - Cirrus Logic CL-PD6722 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
13
PRELIMINARY DATA SHEET v3.1
PIN INFORMATION
PWRGOOD
Power Good: The CL-PD67XX will be reset
when the POWERGOOD input is low. Connect
to the POWERGOOD signal from the system
power supply; or, if not available, connect to
inverted RESETDRV signal from ISA bus.
141
201
1I
4
–
AEN
Address Enable: This is an input from the
host CPU bus signal that distinguishes
between DMA and non-DMA bus cycles. This
input should be high for a DMA cycle and will
cause the CL-PD67XX to ignore IOR* and
IOW* except when a CL-PD6722 is configured
for DMA and its DREQ (IRQ10) and DACK*
(IRQ9) signals are active. Connect to ISA sig-
nal AEN.
When CL-PD67XX is in Suspend mode (see
Misc Control 2, bit 2 on page 61), pull this input
high during system power-down for lowest
power consumption.
126
187
1I
4
–
MEMCS16*
Memory Select 16: This output is an acknowl-
edge of 16-bit-wide access support and is gen-
erated by the CL-PD67XX when a valid 16-bit-
word-accessible memory address has been
decoded. Connect to ISA signal MEMCS16*.
99
160
1
O-
OD
4
16
mA
IOCS16*
I/O Select 16: This output is an acknowledge
for 16-bit-wide access support and is gener-
ated by the CL-PD67XX when a valid 16-bit
word accessible I/O address has been
decoded. Connect to ISA signal IOCS16*.
97
158
1
O-
OD
4
16
mA
IOCHRDY
I/O Channel Ready: This output is driven low
by the CL-PD67XX to lengthen host cycles.
Connect to the ISA bus IOCHRDY signal.
127
188
1
O-
TS
4
16
mA
IRQ[14, 11,
7, 5:3]
Interrupt Request: These outputs indicate
programmable interrupt requests generated
from any of a number of card actions. Although
there is no specific mapping requirement for
connecting interrupt lines from the
CL-PD67XX to the system, a common use is
to connect these pins to the corresponding ISA
signal names in the system.
86, 93, 116,
113, 111, 109
148, 154, 177,
174, 172, 170
6
O-
TS
4
2 mA
IRQ9
Interrupt Request 9: In default mode this out-
put indicates an interrupt request from one of
the cards.
When the CL-PD6722 is in DMA mode (see
Misc Control 2, bit 6), IRQ9 becomes an input
and is connected to the ISA bus DACK* line
corresponding to the ISA bus DREQ line that
the IRQ10 pin is connected to. In DMA mode
this signal is active-low.
138
198
1
I/O-
TS
4
2 mA
Table 2-1.
ISA Bus Interface Pins (cont.)
Pin Name
Description
Pin Number
Qty.
I/O
Pwr. Drive
CL-PD6710
CL-PD6722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com