Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-PD6722 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 24Page - Cirrus Logic CL-PD6722 Datasheet HTML 25Page - Cirrus Logic CL-PD6722 Datasheet HTML 26Page - Cirrus Logic CL-PD6722 Datasheet HTML 27Page - Cirrus Logic CL-PD6722 Datasheet HTML 28Page - Cirrus Logic CL-PD6722 Datasheet HTML 29Page - Cirrus Logic CL-PD6722 Datasheet HTML 30Page - Cirrus Logic CL-PD6722 Datasheet HTML 31Page - Cirrus Logic CL-PD6722 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 128 page
background image
PRELIMINARY DATA SHEET v3.1
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
28
INTRODUCTION
a IOR*, IOW*, MEMR*, and MEMW* must be held high when PWRGOOD is low to prevent manufacturing test mode outputs
from driving the system data bus.
Table 3-1.
CL-PD67XX Power-Management Modes
Mode Name
PWRGOOD
Level
AEN
Misc Control 2 Register
Functionality
Typical Power
Consumption
(CORE_VDD =
3.3 V,
ISA_VCC,
SOCKET_VCC,
and +5V = 5.0 V)
Suspend
Mode
(Bit 2)
Low-Power
Dynamic
Mode
(Bit 1)
Low-Power
Dynamic
(Default)
High
Normal
0
1
Full functionality
< 45 mW high activity,
9–14 mW normal
system activity
Normal
High
Normal
0
0
Full functionality
< 85 mW high activity,
18 mW normal sys-
tem activity
Suspend
(Software
Controlled)
High
Normal
1
–
8-bit access to Misc
Control 2 register.
No other register
access. No card in
socket(s).
< 2 mW
Super-Suspend
(Hardware
Controlled)
High
Static
High
1–
No register access.
No card in socket(s).
System bus signals
disabled (clock off).
< 1 mW
Reset
Lowa
––
–
No register access.
No card in socket(s).
System bus signals
disabled.
9–14 mW
3.1.9
Socket Power Management Features
Card Removal
When a card is removed from a socket, the
CL-PD67XX by default automatically disables the
VCC and VPP supplies to the socket. If Extension
Control 1 register bit 1 is ‘0’, card power is pre-
vented from being automatically disabled when a
card is removed. The CL-PD67XX can also be con-
figured to have management interrupts notify soft-
ware of card removal.
Card Insertion
Power to the socket is off at reset and whenever
there is no card in a socket. When a card is detected
(card detect input pins, -CD1 and -CD2, to the
CL-PD67XX become asserted low), two indepen-
dent actions can be programmed to occur.
If the CL-PD67XX has been set for automatic
power-on (Power Control register bits 4 and 5 are
both ‘1’), the CL-PD67XX automatically enables the
socket VCC supply (and, if so programmed, the VPP
supply).
If the CL-PD67XX has been programmed to cause
management interrupts for card-detection events,
assertion of -CD1 and -CD2 to the CL-PD67XX
causes a management interrupt to inform system
software that a card was inserted. In the case of
manual power detection (Power Control register bit
5 is ‘0’), system software can determine the card’s
operating voltage range and then power-up the
socket and initialize the card (or simply initialize the
card if programmed for automatic power-on (Power
Control register bit 5 is ‘1’ and Extension Control
1 register bit 1 is ‘1’)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com