Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-PD6722 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 17Page - Cirrus Logic CL-PD6722 Datasheet HTML 18Page - Cirrus Logic CL-PD6722 Datasheet HTML 19Page - Cirrus Logic CL-PD6722 Datasheet HTML 20Page - Cirrus Logic CL-PD6722 Datasheet HTML 21Page - Cirrus Logic CL-PD6722 Datasheet HTML 22Page - Cirrus Logic CL-PD6722 Datasheet HTML 23Page - Cirrus Logic CL-PD6722 Datasheet HTML 24Page - Cirrus Logic CL-PD6722 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
21
PRELIMINARY DATA SHEET v3.1
PIN INFORMATION
Table 2-6 below summarizes the pin usage.
2.4
Power-On Configuration Summary
On the rising edge of PWRGOOD, the CL-PD67XX latches the configuration pin SPKR_OUT*/C_SEL to
determine which sockets are addressed by this device. A ‘1’ on the SPKR_OUT*/C_SEL pin will cause
the device to address Socket 0 (and Socket 1 for the CL-PD6722). A ‘0’ on this pin will cause the device
to address Socket 2 (and Socket 3 for the CL-PD6722).
Table 2-6.
Pin Usage Summary
Pin Group
Pin Quantity
CL-PD6710
CL-PD6722
ISA bus interface pins
69
69
Socket interface pins
60
120
General-purpose strobe pins
0
2
Voltage sense pins
1
0
N/C
1
0
Power control pins
4
8
Power and ground pins
9
9
Total:
144
208
Table 2-7.
Chip Configuration at Power-up for Socket Support
SPKR_OUT*/C_SEL
Level at Rising
Edge of PWRGOOD
CL-PD6710
CL-PD6722
Socket Interface Support
Socket A
Interface Support
Socket B
Interface Support
High
PC Card Socket 0
3E0 Index 00h–3Fh
PC Card Socket 0
3E0 Index 00h–3Fh
PC Card Socket 1
3E0 Index 40h–7Fh
Low
PC Card Socket 2
3E0 Index 80h–BFh
PC Card Socket 2
3E0 Index 80h–BFh
PC Card Socket 3
3E0 Index C0h–FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com