Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-PD6722 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 12Page - Cirrus Logic CL-PD6722 Datasheet HTML 13Page - Cirrus Logic CL-PD6722 Datasheet HTML 14Page - Cirrus Logic CL-PD6722 Datasheet HTML 15Page - Cirrus Logic CL-PD6722 Datasheet HTML 16Page - Cirrus Logic CL-PD6722 Datasheet HTML 17Page - Cirrus Logic CL-PD6722 Datasheet HTML 18Page - Cirrus Logic CL-PD6722 Datasheet HTML 19Page - Cirrus Logic CL-PD6722 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 128 page
background image
PRELIMINARY DATA SHEET v3.1
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
16
PIN INFORMATION
Table 2-2.
Socket Interface Pins
Pin Name1
Description2
Pin Number
Qty
.
I/O
Pwr.
Drive
CL-PD6710
CL-PD6722
Socket A
Socket B
-REG
Register Access: In Memory Card
Interface mode, this output chooses
between attribute and common mem-
ory. In I/O Card Interface mode for
non-DMA transfers, this signal is active
(low).
For DMA cycles on the CL-PD6722 to
a DMA-capable card, -REG is inactive
during I/O cycles to indicate a DMA
cycle to or from the PC Card.
In ATA mode, this signal is always
inactive.
88
71
1
O-TS
2 or 3
2 mA
A[25:0]
PC Card socket address outputs.
48, 46, 44,
42, 40, 38,
36, 34, 32,
41, 43, 35,
33, 45, 27,
24, 29, 31,
47, 49, 50,
53, 56, 58,
59, 61
48, 46, 44,
42, 40, 38,
36, 34, 32,
41, 43, 35,
33, 45, 25,
21, 28, 30,
47, 49, 50,
53, 55, 57,
58, 60
110, 108,
106, 104,
102, 100,
98, 96, 94,
103, 105,
97, 95,
107, 89,
85, 91, 93,
109, 112,
113, 115,
118, 120,
121, 123
26
O-TS
2 or 3
2 mA
D[15:0] †
PC Card socket data I/O signals.
23, 21, 17,
14, 12, 68,
66, 64, 19,
15, 13, 11,
9, 67, 65, 63
20, 18, 16,
14, 12, 67,
65, 63, 17,
15, 13, 11,
9, 66, 64,
62
84, 82, 80,
77, 75,
130, 128,
126, 81,
78, 76, 74,
72, 129,
127, 125
16
I/O
2 or 3
2 mA
-OE
Output Enable: For non-DMA trans-
fers, this output goes active (low) to
indicate a memory read from the
socket.
During a DMA write (when -IORD is
active) this output goes low if the ISA
output TC is active (high), indicating to
the card that the system’s terminal
count signal is active. During DMA
reads (when -IOWR is active), this out-
put remains high.
26
23
87
1
O-TS
2 or 3
2 mA
1 To differentiate the sockets, all CL-PD6722 pin names have either A_ or B_ prepended to the pin names indicated. For
example, A_A[25:0] and B_A[25:0] are the independent address buses to the sockets.
2 When a socket is configured as an ATA drive interface, socket interface pin functions change. See Table 11-1 on page 75.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com