Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL811USB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GL811USB
Description  USB 2.0 to ATA / ATAPI Bridge Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL811USB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GL811USB Datasheet HTML 1Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 2Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
GL811USB – USB 2.0 to ATA / ATAPI Bridge Controller
©2000-2002 Genesys Logic Inc.—All rights reserved.
Page 3
2. Features
Complies with Universal Serial Bus specification rev. 2.0.
Complies with ATA/ATAPI-6 specification rev 1.0.
Complies with USB Storage Class specification ver.1.0. (Bulk only protocol)
Operating system supported: Win XP/ 2000/ ME/ 98/ 98SE; Mac OS 9.X/ X.
Supports 4 endpoints: Control (0) / Bulk Read (1) / Bulk Write (2) / Interrupt
(3).
64 / 512 bytes Data Payload for full / high speed Bulk Endpoint.
Supports 8-bit/16-bit Standard PIO mode interface.
Supports 16-bit Multiword DMA mode and Ultra DMA mode interface (Ultra 33
/ 66 / 100).
Embedded USB 2.0 UTMI transceiver.
Embedded 7.5 MIPS RISC CPU.
ROM size: 4k words; RAM size: 128 bytes.
Supports Power Down mode and USB suspend indicator.
Supports USB 2.0 TEST mode features.
12MHz external clock to provide better EMI3.3V power input.
5V tolerance pad for IDE interface.
Supports Wakeup ability.
Available in 48-pin LQFP (9 mm * 9mm) package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com