Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL811USB Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GL811USB
Description  USB 2.0 to ATA / ATAPI Bridge Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL811USB Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GL811USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
GL811USB – USB 2.0 to ATA / ATAPI Bridge Controller
©2000-2002 Genesys Logic Inc.—All rights reserved.
Page 9
Pin #
Name
I/O
Pad Type
Description
Note
38~41
IODD[0:3]
B
I/O 16
IDE data bus 0~3
tri
42
DGND2
P
Power
Digital ground
43
DVCC2
P
Power
Digital VCC
44~47
IODD[4:7]
B
I/O 16
IDE data bus 4~7
tri
48
GPIO1
B
I/O 8
GPIO1
pd
(*) The different of I/O 8 type from I/O 16 type is the typical drive current. The typical drive
current of I/O 8 type is 8 mA, and for I/O pad 16 is 16 mA.
(**) When operating in default mode: GPIO7 is the ATA/ ATAPI reset input,
(***) When Reset pin is pulled low, the IDE bus will be in tri-state.
(****) RREF must be connected with a 510 ohm resister to ground.
Notation:
O
Output
I
Input
B
Bi-directional
P
Power
Description
A
Analog
pu
Internal pull up
pd
Internal pull down
Note
tri
Tri-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com