Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL811USB Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GL811USB
Description  USB 2.0 to ATA / ATAPI Bridge Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL811USB Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GL811USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 16Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
GL811USB – USB 2.0 to ATA / ATAPI Bridge Controller
©2000-2002 Genesys Logic Inc.—All rights reserved.
Page 12
Parameter
Min
Typ
Max
Unit
Hysteresis voltage
-
0
-
V
Leakage current for pads with internal pull up or pull
down resistor
46
µA
Pad internal pull down resister
51K
105K
152K
Ohms
Pad internal pull up resister
85K
168K
251K
Ohms
Supply current
109
mA
6.3.2 I/O 16 Type digital pins (For pad type I/O 16 @ VCC=3.6V)
Parameter
Min
Typ
Max
Unit
Current sink @ VOL = 0.4V
16.20
21.90
27.68
mA
Current output @ VOH = 2.4V (TTL high)
24.13
29.46
34.80
mA
Falling slew rate at 30 pF loading capacitance
0.51
0.93
1.35
V/ns
Rising slew rate at 30 pF loading capacitance
0.46
0.83
1.27
V/ns
Input high threshold voltage
2.15
V
Input low threshold voltage
0.89
V
Pad internal pull down resister
51K
105K
152K
Ohms
6.3.3 D+/ D- (For pad type u20mia @ VCC=3.6V)
Parameter
Min
Typ
Max
Unit
D+/D- static output LOW (RL of 1.5K to VCC )
0
0.3
V
D+/D- static output HIGH (RL of 15K to GND )
2.8
3.6
V
Differential input sensitivity
0.2
V
Single-ended receiver threshold
0.8
2.0
V
Transceiver capacitance
20
pF
Hi-Z state data line leakage
-10
+10
µA
Driver output resistance
28
43
Ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com