Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL811USB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GL811USB
Description  USB 2.0 to ATA / ATAPI Bridge Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL811USB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GL811USB Datasheet HTML 2Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
GL811USB – USB 2.0 to ATA / ATAPI Bridge Controller
©2000-2002 Genesys Logic Inc.—All rights reserved.
Page 5
3.2 Functional Overview
3.2.1 USB 2.0 TXCVR
The USB 2.0 Transceiver is the analog circuitry to handle the USB HS/FS
signaling.
3.2.2 UTMI (USB 2.0 Transceiver Macrocell Interface) Logic
The UTMI Logic is compliant to Intel’s UTMI specification 1.01. This block handles
the low level USB protocol and signaling. The major jobs of UTMI Logic is data and
clock recovery, NRZI encoding/decoding, Bit Stuffing/De-stuffing, USB2.0 test
modes supporting and serial / parallel conversion.
3.2.3 SIE (Serial Interface Engine)
The SIE contains the USB packet ID and address recognition logic, and other
sequencing and state machine logic to handle USB packets and transactions.
3.2.4 PLL
10XPLL provides the 120MHz clock output for UTMI Logic block. UTMI operates in
120MHz for USB HS data processing. 40XPLL block will provide 480MHz for USB
HS data transmission.
3.2.5 CLKGEN
CLKGEN is the clock generator block for the logic blocks. It generates 15MHz
clock for micro controller, 12MHz for PIO mode, 48MHz for MDMA mode, 96MHz
for UDMA mode, and 30MHz clock for UTMI, SIE, and FIFO.
3.2.6 CPU
The CPU is the control center of GL811USB. It’s an 8-bit micro controller operating
in 15MHz, 7.5 MIPS. After receiving a USB command, it decodes the host
command, then it re-assigns tasks to the IDE engine, GPIO, FIFO, and response
proper data/status to USB host.
3.2.7 IDE Engine
The IDE engine is extended from standard ATA / ATAPI protocol. It supports PIO
mode, multiword DMA mode, and ultra DMA mode data transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com